Electronic Components Datasheet Search
  English  ▼

X  

UPC4572 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC4572
Description  Low Supply Voltage, Ultra Low-Noise, High Speed, Wide Band, Low IB Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4572 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC4572 Datasheet HTML 4Page - Renesas Technology Corp UPC4572 Datasheet HTML 5Page - Renesas Technology Corp UPC4572 Datasheet HTML 6Page - Renesas Technology Corp UPC4572 Datasheet HTML 7Page - Renesas Technology Corp UPC4572 Datasheet HTML 8Page - Renesas Technology Corp UPC4572 Datasheet HTML 9Page - Renesas Technology Corp UPC4572 Datasheet HTML 10Page - Renesas Technology Corp UPC4572 Datasheet HTML 11Page - Renesas Technology Corp UPC4572 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
UPC4572
R03DS0185EJ0100 Rev.1.00
Page 8 of 11
Mar.3.25
0
2
4
6
8
-20
0
20
40
60
80
Operating Ambient Temperature, TA [°C]
ICC vs. TA
V ± = ±5 V
0
2
4
6
8
0
±5
±10
Power Supply Voltage, V ± [V]
ICC vs. V±
-10
-5
0
5
10
0
±5
±10
Power Supply Voltage, V ± [V]
VICM vs. V±
0.1
1
10
100
10
100
1k
10k
100k
Source Resistance, RS [Ω]
Vn vs. RS (FLAT + JSI A)
V ± = ±5 V
0
2
4
6
8
10
12
10
100
1k
10k
100k
Frequency, f [Hz]
en vs. f
V ± = ±5 V
RS = 100 Ω
-1
0
1
2
3
4
5
-5
-2.5
0
2.5
0 1 2 3 4 5 6 7 8 9
Time, t [μs]
Pulse Response
5
2.5
0
-2.5
2.5
0
-2.5
-5
V ± = ±5 V
AV = 1
RL = 2 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com