Electronic Components Datasheet Search
  English  ▼

X  

UPC4572 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPC4572
Description  Low Supply Voltage, Ultra Low-Noise, High Speed, Wide Band, Low IB Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4572 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPC4572 Datasheet HTML 4Page - Renesas Technology Corp UPC4572 Datasheet HTML 5Page - Renesas Technology Corp UPC4572 Datasheet HTML 6Page - Renesas Technology Corp UPC4572 Datasheet HTML 7Page - Renesas Technology Corp UPC4572 Datasheet HTML 8Page - Renesas Technology Corp UPC4572 Datasheet HTML 9Page - Renesas Technology Corp UPC4572 Datasheet HTML 10Page - Renesas Technology Corp UPC4572 Datasheet HTML 11Page - Renesas Technology Corp UPC4572 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
UPC4572
R03DS0185EJ0100 Rev.1.00
Page 10 of 11
Mar.3.25
USE WITH PRECAUTIONS
• Managing unused circuits
If there is an unused circuit, the following connection is recommended.
• Power Supply (Dual Power Supply / Single Power Supply)
The op-amp operates as long as a predetermined voltage is applied between V + and V -. Therefore, it can operate with
a single power supply (V - = GND), but it cannot operate the input and output near GND. Common-mode input voltage
Please pay attention to the range and maximum output voltage.
• Ratings of input/output pin voltage
When the voltage of input/output pin exceeds the absolute maximum rating, the parasitic diode within the IC may conduct,
causing characteristics degradation or damage. In addition, if the input pin is lower than V−, or the output pin exceeds
the power supply voltage, it is recommended to make a clamping circuit using a diode with low forward voltage (e.g.:
Schottky diode) as protection.
• Range of common-mode input voltage
When the supply voltage does not meet the condition of electrical characteristics, the range of common-mode input
voltage is as follows.
VICM (TYP.) : V - +1 ~ V + -1 [V] (TA = 25°C).
During designing, do include some tolerance by considering temperature characteristics etc.
• Maximum output voltage
The TYP. value range of the maximum output voltage when the supply voltage does not meet the condition of electrical
characteristics is as follows:
Vom+ (TYP.): V+ - 1.3 [V] (TA = 25°C), Vom− (TYP.): V - + 1.3 [V] (TA = 25°C)
During designing, do include some tolerance by considering characteristics variation, temperature characteristics and
so on. In addition, also note that the output voltage range (Vom+ − Vom−) will become narrow when the output current
increases.
• Handling of ICs
When stress is added to ICs due to warpage or bending of a board, the characteristic may fluctuates due to piezoelectric
(piezo) effect. Therefore, pay attention to warpage or bending of a board.
Example of unused circuit process
To potentials within
the range of
common-mode input
voltage (VICM)
Remark: In this example, an intermediate potential between V + and V - is applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com