Electronic Components Datasheet Search
  English  ▼

X  

UPC4572 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC4572
Description  Low Supply Voltage, Ultra Low-Noise, High Speed, Wide Band, Low IB Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4572 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPC4572 Datasheet HTML 2Page - Renesas Technology Corp UPC4572 Datasheet HTML 3Page - Renesas Technology Corp UPC4572 Datasheet HTML 4Page - Renesas Technology Corp UPC4572 Datasheet HTML 5Page - Renesas Technology Corp UPC4572 Datasheet HTML 6Page - Renesas Technology Corp UPC4572 Datasheet HTML 7Page - Renesas Technology Corp UPC4572 Datasheet HTML 8Page - Renesas Technology Corp UPC4572 Datasheet HTML 9Page - Renesas Technology Corp UPC4572 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
UPC4572
R03DS0185EJ0100 Rev.1.00
Page 6 of 11
Mar.3.25
MEASUREMENT CIRCUIT
Figure 1: Total Harmonic Distortion Measurement Circuit
Figure 2: Noise Measurement Circuit (RIAA)
Figure 3: Noise Measurement Circuit (FLAT+JIS A)
+
-
VO = ( 36.5 dB + 40 dB ) × Vn
100 kΩ
56 kΩ
2400 pF
8200 pF
40 dB Amp.
∴
Vn = VO
76.5 dB
LPF
(fO = 30 kHz)
+
+
33 μF
47 μF
2.2 kΩ
610 Ω
30 kΩ 330 kΩ
+
1.5 μF
+
-
VO = 40 dB × Vn
JIS A
∴
Vn = VO
40 dB
100 Ω
RS = 100 Ω
10 kΩ
+
-
VO = 3 Vr.m.s
2 kΩ
1
56 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com