Electronic Components Datasheet Search
  English  ▼

X  

UPC4572 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC4572
Description  Low Supply Voltage, Ultra Low-Noise, High Speed, Wide Band, Low IB Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4572 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC4572 Datasheet HTML 3Page - Renesas Technology Corp UPC4572 Datasheet HTML 4Page - Renesas Technology Corp UPC4572 Datasheet HTML 5Page - Renesas Technology Corp UPC4572 Datasheet HTML 6Page - Renesas Technology Corp UPC4572 Datasheet HTML 7Page - Renesas Technology Corp UPC4572 Datasheet HTML 8Page - Renesas Technology Corp UPC4572 Datasheet HTML 9Page - Renesas Technology Corp UPC4572 Datasheet HTML 10Page - Renesas Technology Corp UPC4572 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
UPC4572
R03DS0185EJ0100 Rev.1.00
Page 7 of 11
Mar.3.25
CHARACTERISTICS CURVE (TA = 25 °C, TYP.) (REFERENCE VALUE)
227°C/W
0
100
200
300
400
500
600
0
20
40
60
80
100
Operating Ambient Temperature, TA [°C]
PT vs. TA (Absolute maximum rating)
UPC4572G2
0
20
40
60
80
100
120
1
10 100
1k
10k 100k 1M 10M
Frequency, f [Hz]
AV vs. f
V ± = ±5 V
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-20
0
20
40
60
80
Operating Ambient Temperature, TA [°C]
VIO vs. TA
V ± = ±15 V
Any 5 samples data
0
20
40
60
80
100
120
140
160
180
200
-20
0
20
40
60
80
Operating Ambient Temperature, TA [°C]
IB vs. TA
V ± = ±5 V
0
5
10
15
1k
10k
100k
1M
10M
Frequency, f [Hz]
VOm vs. f
V ± = ±5 V
RL = 10 kΩ
VO+, IO SOURCE
VO-, IO SINK
0
±1
±2
±3
±4
±5
0
10
20
30
40
Output Current, IO [mA]
VO± vs. IO
V ± = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com