Electronic Components Datasheet Search
  English  ▼

X  

EL7457CSZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL7457CSZ
Description  40MHz Non-Inverting Quad CMOS Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7457CSZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL7457CSZ Datasheet HTML 1Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 2Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 3Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 4Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 5Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 6Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 7Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 8Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
EL7457
FN7288 Rev.5.00
Page 3 of 13
Jul 17, 2020
Absolute Maximum Ratings (TA = 25°C)
Thermal Information
Supply Voltage (VS+ to VS-) . . . . . . . . . . . . . . . . . . . . . . . . . . .+18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.3V, VS+ +0.3V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Thermal Resistance
JA (°C/W) JC (°C/W)
16 Ld QFN (Notes 4, 5) . . . . . . . . . . . .
43
5
16 Ld SOIC (Notes 6, 7). . . . . . . . . . . .
73
45
16 Ld QSOP (Note 6). . . . . . . . . . . . . .
112
N/A
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
6.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See TB379 for details.
7. For
JC, the “case temp” location is taken at the package top center.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications VS+ = +5V, VS- = -5V, VH = +5V, VL = -5V, TA = 25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
INPUT
VIH
Logic “1” Input Voltage
2.0
V
IIH
Logic “1” Input Current
VIH = 5V
0.1
10
µA
VIL
Logic “0” Input Voltage
0.8
V
IIL
Logic “0” Input Current
VIL = 0V
0.1
10
µA
CIN
Input Capacitance
3.5
pF
RIN
Input Resistance
50
M
OUTPUT
ROH
ON Resistance VH to OUTx
IOUT = -100mA
4.5
6
ROL
ON Resistance VL to OUTx
IOUT = +100mA
4
6
ILEAK
Output Leakage Current
VH = VS+, VL = VS-0.1
10
µA
IPK
Peak Output Current
Source
2.0
A
Sink
2.0
A
POWER SUPPLY
IS
Power Supply Current
Inputs = VS+0.5
1.5
mA
SWITCHING CHARACTERISTICS
tR
Rise Time
CL = 1000pF
13.5
ns
tF
Fall Time
CL = 1000pF
13
ns
tRF
tR, tF Mismatch
CL = 1000pF
0.5
ns
tD+
Turn-Off Delay Time
CL = 1000pF
12.5
ns
tD-
Turn-On Delay Time
CL = 1000pF
14.5
ns
tDD
tD-1 - tD-2 Mismatch
CL = 1000pF
2
ns
tENABLE
Enable Delay Time
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com