Electronic Components Datasheet Search
  English  ▼

X  

EL7457CSZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL7457CSZ
Description  40MHz Non-Inverting Quad CMOS Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7457CSZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL7457CSZ Datasheet HTML 1Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 2Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 3Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 4Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 5Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 6Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 7Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 8Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
EL7457
FN7288 Rev.5.00
Page 4 of 13
Jul 17, 2020
tDISABLE
Disable Delay Time
12
ns
Electrical Specifications VS+ = +5V, VS- = -5V, VH = +5V, VL = -5V, TA = 25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
Electrical Specifications VS+ = +15V, VS- = 0V, VH = +15V, VL = 0V, TA = 25°C, unless otherwise specified
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
INPUT
VIH
Logic “1” Input Voltage
2.4
V
IIH
Logic “1” Input Current
VIH = 5V
0.1
10
µA
VIL
Logic “0” Input Voltage
0.8
V
IIL
Logic “0” Input Current
VIL = 0V
0.1
10
µA
CIN
Input Capacitance
3.5
pF
RIN
Input Resistance
50
M
OUTPUT
ROH
ON Resistance VH to OUT
IOUT = -100mA
3.5
5
ROL
ON Resistance VL to OUT
IOUT = +100mA
3
5
ILEAK
Output Leakage Current
VH = VS+, VL = VS-0.1
10
µA
IPK
Peak Output Current
Source
2.0
A
Sink
2.0
A
POWER SUPPLY
IS
Power Supply Current
Inputs = VS+0.8
2
mA
SWITCHING CHARACTERISTICS
tR
Rise Time
CL = 1000pF
11
ns
tF
Fall Time
CL = 1000pF
12
ns
tRF
tR, tF Mismatch
CL = 1000pF
1
ns
tD+
Turn-Off Delay Time
CL = 1000pF
11.5
ns
tD-
Turn-On Delay Time
CL = 1000pF
13
ns
tDD
tD-1 - tD-2 Mismatch
CL = 1000pF
1.5
ns
tENABLE
Enable Delay Time
12
ns
tDISABLE
Disable Delay Time
12
ns
NOTE:
8. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com