Electronic Components Datasheet Search
  English  ▼

X  

EL7457CSZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL7457CSZ
Description  40MHz Non-Inverting Quad CMOS Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7457CSZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button EL7457CSZ Datasheet HTML 4Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 5Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 6Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 7Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 8Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 9Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 10Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 11Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
EL7457
FN7288 Rev.5.00
Page 8 of 13
Jul 17, 2020
Pin Descriptions
16-PIN
QSOP (0.150”),
SO (0.150”)
16-PIN QFN
(4x4mm)
NAME
FUNCTION
EQUIVALENT CIRCUIT
1
15
INA
Input channel A
CIRCUIT 1
2
16
OE
Output Enable
(Reference Circuit 1)
3
1
INB
Input channel B
(Reference Circuit 1)
4
2, 3
VL
Low voltage input pin
5
4
GND
Input logic ground
6, 13
NC
No connection
7
5
INC
Input channel C
(Reference Circuit 1)
8
6
IND
Input channel D
(Reference Circuit 1)
9
7
VS-
Negative supply voltage
10
8
OUTD
Output channel D
CIRCUIT 2
11
9
OUTC
Output channel C
(Reference Circuit 2)
12
10, 11
VH
High voltage input pin
14
12
OUTB
Output channel B
(Reference Circuit 2)
15
13
OUTA
Output channel A
(Reference Circuit 2)
16
14
VS+
Positive supply voltage
VS-
VS-
VS+
VS+
INPUT
VS-
VS+
OUTPUT
VS-
VL
VH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com