Electronic Components Datasheet Search
  English  ▼

X  

EL7457CSZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # EL7457CSZ
Description  40MHz Non-Inverting Quad CMOS Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7457CSZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button EL7457CSZ Datasheet HTML 2Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 3Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 4Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 5Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 6Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 7Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 8Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 9Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
EL7457
FN7288 Rev.5.00
Page 6 of 13
Jul 17, 2020
FIGURE 7. PROPAGATION DELAY vs TEMPERATURE
FIGURE 8. RISE/FALL TIME vs LOAD
FIGURE 9. SUPPLY CURRENT PER CHANNEL vs CAPACITIVE LOAD
Typical Performance Curves (Continued)
CL=1000pF
VS+=15V
18
14
12
8
6
-50
0
50
100
125
TEMPERATURE (°C)
10
25
75
-25
16
tD2
tD1
VS+=15V
140
120
100
20
0
100
1K
4.7K
10K
LOAD CAPACITANCE (pF)
tF
tR
60
2.2K
470
80
40
VS+=VH=10V
VS-=VL=0V
f=100kHz
12
8
6
2
0
100
1K
10K
LOAD CAPACITANCE (pF)
4
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com