Electronic Components Datasheet Search
  English  ▼

X  

EL7457CSZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # EL7457CSZ
Description  40MHz Non-Inverting Quad CMOS Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7457CSZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button EL7457CSZ Datasheet HTML 6Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 7Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 8Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 9Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 10Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 11Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 12Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 13Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
EL7457
FN7288 Rev.5.00
Page 12 of 13
Jul 17, 2020
0.010
C A B
SEATING
PLANE
DETAIL X
E
E1
1
(N/2)
(N/2)+1
N
PIN #1
I.D. MARK
b
0.004 C
c
A
SEE DETAIL "X"
A2
4°±4°
GAUGE
PLANE
0.010
L
A1
D
B
H
C
e
A
0.007
C A B
L1
MDP0040
QUARTER SIZE OUTLINE PLASTIC PACKAGES FAMILY
SYMBOL
INCHES
TOLERANCE NOTES
QSOP16 QSOP24 QSOP28
A
0.068
0.068
0.068
Max.
-
A1
0.006
0.006
0.006
±0.002
-
A2
0.056
0.056
0.056
±0.004
-
b
0.010
0.010
0.010
±0.002
-
c
0.008
0.008
0.008
±0.001
-
D
0.193
0.341
0.390
±0.004
1, 3
E
0.236
0.236
0.236
±0.008
-
E1
0.154
0.154
0.154
±0.004
2, 3
e
0.025
0.025
0.025
Basic
-
L
0.025
0.025
0.025
±0.009
-
L1
0.041
0.041
0.041
Basic
-
N
16
24
28
Reference
-
Rev. F 2/07
NOTES:
5. Plastic or metal protrusions of 0.006” maximum per side are not
included.
6. Plastic interlead protrusions of 0.010” maximum per side are not
included.
7. Dimensions “D” and “E1” are measured at Datum Plane “H”.
8. Dimensioning and tolerancing per ASME Y14.5M-1994.
For the most recent package outline drawing, see MDP0040.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com