Electronic Components Datasheet Search
  English  ▼

X  

CMV12000 Datasheet(PDF) 24 Page - ams-OSRAM AG

Part # CMV12000
Description  12Mp High Speed Machine Vision Global Shutter CMOS Image Sensor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV12000 Datasheet(HTML) 24 Page - ams-OSRAM AG

Back Button CMV12000 Datasheet HTML 20Page - ams-OSRAM AG CMV12000 Datasheet HTML 21Page - ams-OSRAM AG CMV12000 Datasheet HTML 22Page - ams-OSRAM AG CMV12000 Datasheet HTML 23Page - ams-OSRAM AG CMV12000 Datasheet HTML 24Page - ams-OSRAM AG CMV12000 Datasheet HTML 25Page - ams-OSRAM AG CMV12000 Datasheet HTML 26Page - ams-OSRAM AG CMV12000 Datasheet HTML 27Page - ams-OSRAM AG CMV12000 Datasheet HTML 28Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 85 page
background image
Document Feedback
CMV12000
Functional Description
Datasheet
• PUBLIC
DS000603
• v6-00 • 2023-Sep-22
84
│ 23
The LVDS input clock should only start after the rise time of the supplies. The external reset pin
should be released at least 1
μs after the supplies have become stable. The first frame can be
requested 1
μs after the reset pin has been released. An optional SPI upload (to program the
sequencer) is possible 1
μs after the reset pin has been released. In this case, the FRAME_REQ
pulse must be postponed until after the SPI upload has been completed.
7.2.6
Reset Sequence
If a sensor reset is necessary while the sensor is running, the next sequence should be followed:
Figure 13:
Reset Sequence
The on-board sequencer will be reset and all programming registers will return to their default start-up
values when a falling edge is detected on the SYS_RES_N pin. After the reset there is a minimum
time of 1
μs needed, before a FRAME_REQ pulse can be sent.
When a switch from 12-bit to 10-bit or 8-bit mode (or vice versa) is necessary, the following sequence
should be followed:
Figure 14:
Reset Sequence with Changing Bit Mode
The following SPI register should be uploaded in this mode: Bit_mode (address 118): set to desired bit
resolution mode.
1μs
LVDS_CLK
SYS_RES_N
FRAME_REQ
1μs
LVDS_CLK
SYS_RES_N
FRAME_REQ
Bit mode settings
SPI upload
1μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com