Electronic Components Datasheet Search
  English  ▼

X  

CMV12000 Datasheet(PDF) 39 Page - ams-OSRAM AG

Part # CMV12000
Description  12Mp High Speed Machine Vision Global Shutter CMOS Image Sensor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV12000 Datasheet(HTML) 39 Page - ams-OSRAM AG

Back Button CMV12000 Datasheet HTML 35Page - ams-OSRAM AG CMV12000 Datasheet HTML 36Page - ams-OSRAM AG CMV12000 Datasheet HTML 37Page - ams-OSRAM AG CMV12000 Datasheet HTML 38Page - ams-OSRAM AG CMV12000 Datasheet HTML 39Page - ams-OSRAM AG CMV12000 Datasheet HTML 40Page - ams-OSRAM AG CMV12000 Datasheet HTML 41Page - ams-OSRAM AG CMV12000 Datasheet HTML 42Page - ams-OSRAM AG CMV12000 Datasheet HTML 43Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
Document Feedback
CMV12000
Functional Description
Datasheet
• PUBLIC
DS000603
• v6-00 • 2023-Sep-22
84
│ 38
7.4.2
Frame Timing
The frame rate of the CMV12000 is defined by two main factors.
●
Exposure time
●
Read-out time
FOT (Frame Overhead Time) will only have an influence when very few rows are read out.
For ease of use we will assume that the exposure time is equal to or shorter than the read-out time. By
assuming the frame rate is completely defined by the read-out time (because the exposure time
happens in parallel with the read-out time). The read-out time (and thus the frame rate) is defined by:
●
Clock speed: 600 MHz maximum
●
ADC mode: 8, 10 or 12-bit
●
Number of lines read-out (windowing, subsampling or binning)
●
Number of LVDS data outputs used: 64 maximum
This means that if any of the parameters above are changed, it will have an impact on the frame rate
of the sensor.
All timings can be expressed in line times:
Equation 3:
������������������������ ������������������������ = (������������������85 + 1) ∗ ������������������������_������������������_������������������������������������ ∗ #������������������������
The total read-out time is composed of the FOT and the image readout time. The image readout time
is dependent of the total number of read out lines (#readout lines), sides used and the line time.
Equation 4:
������������������ = (������������������82[15: 8] + 2) ∗ ������������������������ ������������������������
Equation 5:
������������������������������������������ ������������������������ =
#������������������������������������������ ������������������������������
#������������������������������
∗ ������������������������ ������������������������
The number of lines read out will depend on the mode:
●
Normal mode: #readout lines = Number_lines_tot
●
X&Y-Subsampling: #readout lines = Number_lines_tot/2
●
Binning: #readout lines = Number_lines_tot/4
Number_lines_tot is the value of register 1.
When running at 600 MHz in 10-bit mode with 64 output channels, register 82[15:8] is 12 and register
85 is 128. This will result in a line time of 2.15 µs, FOT of 30.1 µs and an image read-out time of
3.3024 ms for the full pixel array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com