Electronic Components Datasheet Search
  English  ▼

X  

CMV12000 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # CMV12000
Description  12Mp High Speed Machine Vision Global Shutter CMOS Image Sensor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV12000 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button CMV12000 Datasheet HTML 3Page - ams-OSRAM AG CMV12000 Datasheet HTML 4Page - ams-OSRAM AG CMV12000 Datasheet HTML 5Page - ams-OSRAM AG CMV12000 Datasheet HTML 6Page - ams-OSRAM AG CMV12000 Datasheet HTML 7Page - ams-OSRAM AG CMV12000 Datasheet HTML 8Page - ams-OSRAM AG CMV12000 Datasheet HTML 9Page - ams-OSRAM AG CMV12000 Datasheet HTML 10Page - ams-OSRAM AG CMV12000 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
Document Feedback
CMV12000
Pin Assignment
Datasheet
• PUBLIC
DS000603
• v6-00 • 2023-Sep-22
84
│ 6
3
Pin Assignment
3.1
Pin Diagram
Figure 3:
Pin Numbering
3.2
Pin Description
Figure 4:
Pin Description of CMV12000
Number
Name
Type
Description
A2
TANA
Analog output
Test pin for analog pixel signals (do not connect)
A3
VREF
Bias
Reference for column amps (decouple with 100 nF to GND)
A4
VPCH_L
Bias
Pre-charge low voltage (decouple with 100 nF to GND)
A5
OUTCTR_N
LVDS output
LVDS negative control channel output
A6
OUTCTR_P
LVDS output
LVDS positive control channel output
A7
OUT2_N
LVDS output
LVDS negative output channel 2
A8
OUT2_P
LVDS output
LVDS positive output channel 2
A9
GND
Ground
Ground pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com