Electronic Components Datasheet Search
  English  ▼

X  

CMV12000 Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # CMV12000
Description  12Mp High Speed Machine Vision Global Shutter CMOS Image Sensor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV12000 Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button CMV12000 Datasheet HTML 4Page - ams-OSRAM AG CMV12000 Datasheet HTML 5Page - ams-OSRAM AG CMV12000 Datasheet HTML 6Page - ams-OSRAM AG CMV12000 Datasheet HTML 7Page - ams-OSRAM AG CMV12000 Datasheet HTML 8Page - ams-OSRAM AG CMV12000 Datasheet HTML 9Page - ams-OSRAM AG CMV12000 Datasheet HTML 10Page - ams-OSRAM AG CMV12000 Datasheet HTML 11Page - ams-OSRAM AG CMV12000 Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
Document Feedback
CMV12000
Pin Assignment
Datasheet
• PUBLIC
DS000603
• v6-00 • 2023-Sep-22
84
│ 7
Number
Name
Type
Description
A10
VDD18
Supply
1.98 V supply
A11
OUT9_N
LVDS output
LVDS negative output channel 9
A12
OUT9_P
LVDS output
LVDS positive output channel 9
A13
OUT13_N
LVDS output
LVDS negative output channel 13
A14
OUT13_P
LVDS output
LVDS positive output channel 13
A15
VDD18
Supply
1.98 V supply
A16
VDD18
Supply
1.98 V supply
A17
OUT19_N
LVDS output
LVDS negative output channel 19
A18
OUT19_P
LVDS output
LVDS positive output channel 19
A19
OUT23_N
LVDS output
LVDS negative output channel 23
A20
OUT23_P
LVDS output
LVDS positive output channel 23
A21
GND
Ground
Ground pin
A22
VDD18
Supply
1.98 V supply
A23
OUT29_N
LVDS output
LVDS negative output channel 29
A24
OUT29_P
LVDS output
LVDS positive output channel 29
A25
GND
Ground
Ground pin
A26
VDD18
Supply
1.98 V supply
A27
VDD18
Supply
1.98 V supply
A28
GND
Ground
Ground pin
A29
GND
Ground
Ground pin
A30
VDD_PIX
Supply
3.0 V supply
B1
CMD_COL_LOAD
Bias
Decouple with 100 nF to VDD33
B2
VTREF
Analog input
Test pin (decouple with 100 nF to GND)
B3
VREF_ADC
Bias
Reference for ADC (decouple with 100 nF to GND)
B4
VDD18
Supply
1.98 V supply
B5
GND
Ground
Ground pin
B6
OUT1_N
LVDS output
LVDS negative output channel 1
B7
OUT1_P
LVDS output
LVDS positive output channel 1
B8
OUT5_N
LVDS output
LVDS negative output channel 5
B9
OUT5_P
LVDS output
LVDS positive output channel 5
B10
OUT8_N
LVDS output
LVDS negative output channel 8
B11
OUT8_P
LVDS output
LVDS positive output channel 8
B12
OUT12_N
LVDS output
LVDS negative output channel 12
B13
OUT12_P
LVDS output
LVDS positive output channel 12
B14
OUT16_N
LVDS output
LVDS negative output channel 16
B15
OUT16_P
LVDS output
LVDS positive output channel 16
B16
OUT18_N
LVDS output
LVDS negative output channel 18
B17
OUT18_P
LVDS output
LVDS positive output channel 18
B18
OUT22_N
LVDS output
LVDS negative output channel 22
B19
OUT22_P
LVDS output
LVDS positive output channel 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com