Electronic Components Datasheet Search
  English  ▼

X  

CMV12000 Datasheet(PDF) 30 Page - ams-OSRAM AG

Part # CMV12000
Description  12Mp High Speed Machine Vision Global Shutter CMOS Image Sensor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV12000 Datasheet(HTML) 30 Page - ams-OSRAM AG

Back Button CMV12000 Datasheet HTML 26Page - ams-OSRAM AG CMV12000 Datasheet HTML 27Page - ams-OSRAM AG CMV12000 Datasheet HTML 28Page - ams-OSRAM AG CMV12000 Datasheet HTML 29Page - ams-OSRAM AG CMV12000 Datasheet HTML 30Page - ams-OSRAM AG CMV12000 Datasheet HTML 31Page - ams-OSRAM AG CMV12000 Datasheet HTML 32Page - ams-OSRAM AG CMV12000 Datasheet HTML 33Page - ams-OSRAM AG CMV12000 Datasheet HTML 34Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 85 page
background image
Document Feedback
CMV12000
Functional Description
Datasheet
• PUBLIC
DS000603
• v6-00 • 2023-Sep-22
84
│ 29
7.3.2
Low-Level Readout Format
The data is transferred LSB first, with the transfer of bit D[0] during the high phase of the DDR output
clock. An example of 10b mode is shown below for the P-channel of one LVDS channel. T1 is the
period of the input clock (600 MHz input clock = 300 MHz output clock).
Figure 25:
10b Pixel Data on an LVDS Channel
7.3.3
Pixel Readout Format
The read-out of image data is grouped in bursts of 128 pixels per channel (2 rows at the same time via
top and bottom outputs). Each pixel is 8, 10 or 12 bits wide. For details on pixel remapping and pixel
vs. channel location please see section 7.3.4. An overhead time exists between two bursts of 128
pixels. This overhead time has the length of one pixel read-out (i.e. the length of 8, 10 or 12 bits at the
selected data rate).
Please note that depending on the bit mode (8-bit, 10-bit or 12-bit) and read-out mode (subsampling,
binning…), the actual timing of the image data may differ from one mode to another. The sections
below show the relative location of the pixel data only.
The sensor is designed to be used with both sides (bottom and top) simultaneously. There is a “one
side mode” where only one side (bottom) can be used to read out data, but binning and subsampling
in X and Y direction are not supported in this mode.
The sensor is able to send all pixel data over fewer channels. The overview of which outputs are used
when multiplexing to fewer outputs is shown below.
Figure 26:
Channel Muxing Overview
D(8)
D(9)
D(0)
D(1)
D(2)
D(3)
D(4)
D(5)
D(6)
D(7)
D(8)
D(9)
D(0)
D(1)
D(2)
D(3)
T1
LVDS_CLOCK
_OUT
DATA_OUT
OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
32
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
16
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
8
x
x
x
x
x
x
x
x
4
x
x
x
x
2
x
x
1
x
OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT OUT
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
32
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
16
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
8
x
x
x
x
x
x
x
x
4
x
x
x
x
2
x
x
1
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com