Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # RH850
Description  Renesas Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 28Page - Renesas Technology Corp RH850 Datasheet HTML 29Page - Renesas Technology Corp RH850 Datasheet HTML 30Page - Renesas Technology Corp RH850 Datasheet HTML 31Page - Renesas Technology Corp RH850 Datasheet HTML 32Page - Renesas Technology Corp RH850 Datasheet HTML 33Page - Renesas Technology Corp RH850 Datasheet HTML 34Page - Renesas Technology Corp RH850 Datasheet HTML 35Page - Renesas Technology Corp RH850 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
RH850/C1M-A
Section 3 Electrical Characteristics
Page 32 of 68
R01DS0491EJ0100 Rev.1.00
Mar.31.2025
Table 3.12
DC Characteristics (Supply Current: C1M-A1)
Conditions: SYSVCC = VCC = 4.5 V to 5.5 V, VDD = 1.15 V to 1.35 V
A0VCC, A1VCC, A2VCC = 4.5 V to 5.5 V, A0VREFH = 4.5 V to A0VCC, A1VREFH = 4.5 V to A1VCC,
A2VREFH = 4.5 V to A2VCC, RVCC = 4.5 V to 5.5 V
VSS = A0VSS = A1VSS = A2VSS = RVSS = 0 V
Tj = –40ºC to 150ºC
Item
Symbol Min.
Typ.
Max.
Unit
Measurement Condition
Core supply current
Normal operation
Idd
—
—
540
mA
(VDD power supply)
Current during reset
Iddrst
—
—
335
mA
VCC power supply
current
Normal operation (excluding
erasure of code flash)
ICC
—
—
25
mA
Excluding I/O current
Erasure of code flash
Icc_cferase —
—
60
mA
Excluding I/O current,
*1
Current during reset
Iccrst
—
—
15
mA
System supply current
Normal operation
ISYS
—
—
7
mA
Including PLL current
(SYSVCC power supply)
Current during reset
Isysrst
—
—
3
mA
Analog power supply current (A0VCC, A1VCC, A2VCC
power supply)
IAVCC
—
—
30
mA
Analog power supply current (RVCC power supply)
IRVCC
—
—
10
mA
ADC reference power supply current (A0VREFH,
A1VREFH, A2VREFH)
IAVREF
—
—
0.5
mA
Note 1.
Large fluctuations in current occur during erasure. The average current is 15 mA.
CAUTIONS
1.
When the A/D converter is not used or it is in the standby state, do not open the A0VCC pin, A1VCC pin, A2VCC
pin, A0VREFH pin, A1VREFH pin, A2VREFH pin, A0VSS pin, A1VSS pin, and A2VSS pin.
2.
Supply current values are those measured when VIHmin = VCC – 0.5 V and VIL = 0.5 V with no load applied to all
output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com