Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RH850
Description  Renesas Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 9Page - Renesas Technology Corp RH850 Datasheet HTML 10Page - Renesas Technology Corp RH850 Datasheet HTML 11Page - Renesas Technology Corp RH850 Datasheet HTML 12Page - Renesas Technology Corp RH850 Datasheet HTML 13Page - Renesas Technology Corp RH850 Datasheet HTML 14Page - Renesas Technology Corp RH850 Datasheet HTML 15Page - Renesas Technology Corp RH850 Datasheet HTML 16Page - Renesas Technology Corp RH850 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
RH850/C1M-A
Section 1 Overview
Page 13 of 68
R01DS0491EJ0100 Rev.1.00
Mar.31.2025
Table 1.3
Pin Assignments of RH850/C1M-A2 (6/6)
Pin Number
Pin Name
19J
P3_1/TAUD2I9/TAUD2O9/ADCC0TRG/RSENT2SPCO/TAPA2ESO
19K
P2_5/TAUD2I5/TAUD2O5/TSG31O2/INTP5
19L
P2_3/TAUD2I3/TAUD2O3/TSG31O3/INTP3
19M
P1_13/TAUD1I13/TAUD1O13/TAPA1VN/TSG32O2
19N
P1_10/TAUD1I10/TAUD1O10/TAPA1UP/TAUD1O11/TSG32O1
19P
P1_7/TAUD1I7/TAUD1O7/TSG30O6
19R
P1_4/TAUD1I4/TAUD1O4/TAUD1O5/TSG30O5
19T
P1_0/TAUD1I0/TAUD1O0/ENCA0TIN0/TAUD1O1/TSG30O0
19U
P0_5/TAUD0I5/TAUD0O5/TAUJ0I0/TAUJ0O0/TAPA4ESO/INTP2
19V
P0_3/TAUD0I3/TAUD0O3/TAUJ0I3/TAUJ0O3/CAN2RX/INTP0
19W
P6_7/TAUD3I7/TAUD3O7/RDC3A1_OUT_U/TAPA1ESO
19Y
VSS(N.C.)
20A
A2VSS(N.C.)
20B
A2VSS(N.C.)
20C
ADCC2I03
20D
ADCC2I30
20E
ADCC2I10
20F
ADCC2I13
20G
P3_5/TAUD2I13/TAUD2O13/TAPA2VN/ENCA1EC/RDC3A1_OUT_W/TAPA0ESO
20H
P3_4/TAUD2I12/TAUD2O12/TAPA2VP/ENCA1E1/RDC3A1_OUT_V/ADCC0TRG/TAPA3ESO
20J
P3_0/TAUD2I8/TAUD2O8/RSENT2RX/RSENT2SPCO/TAPA1ESO
20K
P2_4/TAUD2I4/TAUD2O4/TSG31O5/INTP4
20L
P2_0/TAUD2I0/TAUD2O0/TSG31O0/INTP0
20M
P1_14/TAUD1I14/TAUD1O14/TAPA1WP/TAUD1O15/TSG32O4
20N
P1_11/TAUD1I11/TAUD1O11/TAPA1UN/TSG32O3
20P
P1_8/TAUD1I8/TAUD1O8/TAUD1O9/TSG32O0/TAPA2ESO
20R
P1_5/TAUD1I5/TAUD1O5/TSG30O2
20T
P1_2/TAUD1I2/TAUD1O2/TAUD1O3/TSG30O1
20U
P6_9/TAUD3I9/TAUD3O9/TAUJ1I1/TAUJ1O1
20V
P0_4/TAUD0I4/TAUD0O4/TAUD3I1/TAUD3O1/CAN2TX/INTP1
20W
VSS(N.C.)
20Y
VSS(N.C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com