Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # RH850
Description  Renesas Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 20Page - Renesas Technology Corp RH850 Datasheet HTML 21Page - Renesas Technology Corp RH850 Datasheet HTML 22Page - Renesas Technology Corp RH850 Datasheet HTML 23Page - Renesas Technology Corp RH850 Datasheet HTML 24Page - Renesas Technology Corp RH850 Datasheet HTML 25Page - Renesas Technology Corp RH850 Datasheet HTML 26Page - Renesas Technology Corp RH850 Datasheet HTML 27Page - Renesas Technology Corp RH850 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
RH850/C1M-A
Section 2 Pins
Page 24 of 68
R01DS0491EJ0100 Rev.1.00
Mar.31.2025
Table 2.2
C1M-A1 Pin Function (3/3)
Pin Name
I/O
Function
SCInSCK (n = 0 to 2)
IO
SCIn clock
SCInTXD (n = 0 to 2)
O
SCIn transmit data
TAPAnESO (n = 0 to 1,3 to 4)
I
Hi-Z control
TAPAnUN (n = 0 to 1)
O
Motor control output U phase (negative)
TAPAnUP (n = 0 to 1)
O
Motor control output U phase (positive)
TAPAnVN (n = 0 to 1)
O
Motor control output V phase (negative)
TAPAnVP (n = 0 to 1)
O
Motor control output V phase (positive)
TAPAnWN (n = 0 to 1)
O
Motor control output W phase (negative)
TAPAnWP (n = 0 to 1)
O
Motor control output W phase (positive)
TPBAnO (n = 0)
O
TPBAn channel output
TAUDnIm (n = 0 to 1, m = 0 to 15)
I
TAUDn channel input m
TAUDnOm (n = 0 to 1, m = 0 to 15)
O
TAUDn channel output m
TAUJnIm (n = 0, m = 0 to 3)
I
TAUJn channel input m
TAUJnOm (n = 0, m = 0 to 3)
O
TAUJn channel output m
TSG3nOm (n = 0 to 1, m = 0 to 7)
O
TSG3n channel output m
X1, X2
―
Crystal oscillator connections
RSENTnRX (n = 0 to 3)
I
SENT input
RSENTnSPCO (n = 0 to 3)
O
SENT control output
RDC3An_OUT_U (n = 0)
O
RDC U-phase output
RDC3An_OUT_V (n = 0)
O
RDC V-phase output
RDC3An_OUT_W (n = 0)
O
RDC W-phase output
CAUTION
In C1M-A1, use SCI30 with the alternative function pins within the same port group.
● When serial clock I/O signals are used
─ P5_0(SCI0RXD), P5_1(SCI0TXD), P5_2(SCI0SCK)
● When serial clock I/O signals are not used
─ P5_0(SCI0RXD), P5_1(SCI0TXD)
─ P7_2(SCI0RXD), P7_4(SCI0TXD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com