Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # RH850
Description  Renesas microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 35Page - Renesas Technology Corp RH850 Datasheet HTML 36Page - Renesas Technology Corp RH850 Datasheet HTML 37Page - Renesas Technology Corp RH850 Datasheet HTML 38Page - Renesas Technology Corp RH850 Datasheet HTML 39Page - Renesas Technology Corp RH850 Datasheet HTML 40Page - Renesas Technology Corp RH850 Datasheet HTML 41Page - Renesas Technology Corp RH850 Datasheet HTML 42Page - Renesas Technology Corp RH850 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
RH850/P1M-E
Section 3 Electrical Specifications
Page
39 of 72
R01DS0505ED0100 Rev.1.00
September 30, 2025
Note 1.
tRESW1 is the time over which assertion of the reset signal is required to continue until the supply of internal
clock signals becomes stable after all power supplies have been turned on. Release the pin reset after the
periods of tRESW1 and tOSC have elapsed. VCC and EnVCC should be supplied from the same source.
No restriction applies to potential differences between the levels of the VCC/EnVCC supplies, the AnVCC
supply, and the VDD supply during power up.
Note 2.
tRESW2 is the time over which assertion of the reset signal is required until either of the power voltages has
dropped below the lower limit.
Note 3.
The states of I/O pins are not reset during the noise cancellation interval (max. 1.2
μs) of the reset signal
following its assertion while power is being turned off. During that time, do not allow any input of mid-range
potential to a pin or the contention of output data.
Note 4.
If the power is turned off during the programming or erasure of flash memory, the data in the area that was
programmed or erased cannot be guaranteed.
Table 3.4
DPS Products
Conditions: See Section 3.1.1.1, Common Conditions.
Item
Symbol
MIN.
MAX.
Unit
Remarks
Pin reset time at low level for power on
tRESW1
10
ms
*1
Pin reset time at low level for power off
tRESW2
2
μs*2
Operating mode setup time
tMDS
1ms
Operating mode hold time
tMDH
1ms
VCC/AnVCC voltage ramp
tVS1
0.02
500
V/ms
VDD voltage ramp
tVS2
2
500
V/ms
Note:
tOSC: OSC oscillation stabilization time
Figure 3.2
Power UP/Down Timing: DPS Products
RESET
tMDS
tMDH
tRESW2
tRESW1
3.0V
VPOC
VIL
VIH
VIH
AnVCC
3.0V
3.0V
MOSC
tOSC
VDD
1.20V
1.20V
FLMD0, FLMD1
VCC, EnVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com