Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # RH850
Description  Renesas microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 56Page - Renesas Technology Corp RH850 Datasheet HTML 57Page - Renesas Technology Corp RH850 Datasheet HTML 58Page - Renesas Technology Corp RH850 Datasheet HTML 59Page - Renesas Technology Corp RH850 Datasheet HTML 60Page - Renesas Technology Corp RH850 Datasheet HTML 61Page - Renesas Technology Corp RH850 Datasheet HTML 62Page - Renesas Technology Corp RH850 Datasheet HTML 63Page - Renesas Technology Corp RH850 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
RH850/P1M-E
Section 3 Electrical Specifications
Page
60 of 72
R01DS0505ED0100 Rev.1.00
September 30, 2025
3.13 BIST Execution Time
Conditions: See Section 3.1.1.1, Common Conditions.
3.14 A/D Convertor Characteristics
Conditions: See Section 3.1.1.1, Common Conditions.
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
BIST execution time
30
ms
(1/2)
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Macro operation clock
40
MHz
Resolution
RESn
12
bit
Conversion time
tCONn
ADCGnSMPCR = 0000H,
CLK_ADC = 40 MHz
1
μs
Total errors*1
TOEn
AnVCC,
AnVREFH =
4.3 V to 5.5 V,
AnVCC –
AnVREFH < 1V
ADCGnIm,
When channel T&H is
not used
±4.0
LSB
ADCGnIm,
When channel T&H is
used
±6.0
LSB
AnVCC,
AnVREFH =
3.0 V to 4.3 V,
AnVCC –
AnVREFH < 1V
ADCGnIm,
When channel T&H is
not used
±6.0
LSB
ADCGnIm,
When channel T&H is
used
±8.0
LSB
Integral nonlinear *1
ILEn
AnVCC,
AnVREFH =
4.3 V to 5.5 V,
AnVCC –
AnVREFH < 1V
ADCGnIm,
When channel T&H is
not used
±2.0
LSB
ADCGnIm,
When channel T&H is
used
±3.0
LSB
AnVCC,
AnVREFH =
3.0 V to 4.3 V,
AnVCC –
AnVREFH < 1V
ADCGnIm,
When channel T&H is
not used
±3.0
LSB
ADCGnIm,
When channel T&H is
used
±4.0
LSB
Differential nonlinear*1
DLEn
AnVCC,
AnVREFH =
4.3 V to 5.5 V,
AnVCC –
AnVREFH < 1V
ADCGnIm,
When channel T&H is
not used
±1.0
LSB
ADCGnIm,
When channel T&H is
used
±1.0
LSB
AnVCC,
AnVREFH =
3.0 V to 4.3 V,
AnVCC –
AnVREFH < 1V
ADCGnIm,
When channel T&H is
not used
+2.0, –1.0
LSB
ADCGnIm,
When channel T&H is
used
+3.0, –1.0
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com