Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RH850
Description  Renesas microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RH850 Datasheet HTML 1Page - Renesas Technology Corp RH850 Datasheet HTML 2Page - Renesas Technology Corp RH850 Datasheet HTML 3Page - Renesas Technology Corp RH850 Datasheet HTML 4Page - Renesas Technology Corp RH850 Datasheet HTML 5Page - Renesas Technology Corp RH850 Datasheet HTML 6Page - Renesas Technology Corp RH850 Datasheet HTML 7Page - Renesas Technology Corp RH850 Datasheet HTML 8Page - Renesas Technology Corp RH850 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Page 1 of 72
R01DS0505ED0100 Rev.1.00
September 30, 2025
Datasheet
RH850
/P1M-E
Renesas microcontroller
Section 1
Overview
RH850/P1M-E is a product series of Renesas Electronics’ single-chip microco
ntroller RH850
family. This section describes the overview of RH850/P1M-E.
This product has Security installed. For the specification of Security function, please contact with
agent/distributor.
1.1
Outline
This product is a 32-bit single-chip microco
ntroller with multiple CPUs, Code Flash, Data Flash,
RAM modules, DMA controllers, many communication interfaces that are used in the automotive
applications, A/D converters, timer units, etc.
The main features are as below.
(1) RH850 CPU
This product contains two RH850G3Ms: one operates as the master CPU for normal operation and
another as a checker CPU that monitors the operation of the master CPU. The two CPUs operate in
lock step mode.
The architecture of this dual-core CPU unit realizes the compact footprint of the programs by 2-byte
basic instructions and high-level language compiler oriented instruction sets. This dual-core CPU unit
has very quick interrupt response time so that it can support hard real-time applications.
(2) On-chip Code Flash and Data Flash
This chip has high-speed Code Flash from which the CPU can fetch the instructions and the constant
data. Its capacity is up to 2MB. This Code Flash can be reprogrammed in the situation that the chip is
mounted in the application systems.
This chip also has Data Flash with EEPROM emulation capability. Its capacity is up to 64KB.
(3) Rich peripheral functionality
The RH850/P1M-E incorporates standard communication controllers such as CAN, LIN, FlexRay, and
serial communications in addition to timers and A/D converters best suited for the automobile chassis
applications. In addition, the RH850/P1M-E incorporates SENT and PSI5 communication controllers
that can be used for sensor interface.
(4) Functional safety support
This chip equips several dedicated functionalities including the Lock-Step Dual Core configuration for
the CPU, the memory protection with ECC, the bus protection with ECC, the peripheral module
protection, and voltage/clock monitors to support the functional safety standard (ASIL) required in the
automotive applications.


Similar Part No. - RH850

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RH850 RENESAS-RH850 Datasheet
925Kb / 66P
RENESAS 32-Bit MCU
RH850 RENESAS-RH850 Datasheet
71Kb / 6P
E1 Emulator
RH850 RENESAS-RH850 Datasheet
70Kb / 1P
Self Programming Library
RH850 RENESAS-RH850 Datasheet
39Mb / 4535P
Renesas microcontroller
Rev.1.10
RH850 RENESAS-RH850 Datasheet
3Mb / 422P
Renesas microcontroller
Rev.1.00 Sep 15, 2023
More results

Similar Description - RH850

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
16C6N4 RENESAS-16C6N4 Datasheet
687Kb / 92P
Renesas MCU
R32C111 RENESAS-R32C111 Datasheet
974Kb / 84P
RENESAS MCU
R8C33C RENESAS-R8C33C Datasheet
528Kb / 56P
RENESAS MCU
R8C34C RENESAS-R8C34C Datasheet
539Kb / 57P
RENESAS MCU
R8C22 RENESAS-R8C22_08 Datasheet
485Kb / 54P
RENESAS MCU
R5F21368SNFP RENESAS-R5F21368SNFP Datasheet
502Kb / 61P
RENESAS MCU
R5F36506NFA RENESAS-R5F36506NFA_12 Datasheet
999Kb / 115P
RENESAS MCU
R5F64165NFD RENESAS-R5F64165NFD_13 Datasheet
740Kb / 99P
RENESAS MCU
RL78 RENESAS-RL78_13 Datasheet
296Kb / 31P
RENESAS MCU
RH850 RENESAS-RH850 Datasheet
39Mb / 4535P
Renesas microcontroller
Rev.1.10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com