Electronic Components Datasheet Search
  English  ▼

X  

GWH2 Datasheet(PDF) 6 Page - Clarke International

Part # GWH2
Description  140A MMA INVERTER WELDER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH2 Datasheet(HTML) 6 Page - Clarke International

Back Button GWH2 Datasheet HTML 2Page - Clarke International GWH2 Datasheet HTML 3Page - Clarke International GWH2 Datasheet HTML 4Page - Clarke International GWH2 Datasheet HTML 5Page - Clarke International GWH2 Datasheet HTML 6Page - Clarke International GWH2 Datasheet HTML 7Page - Clarke International GWH2 Datasheet HTML 8Page - Clarke International GWH2 Datasheet HTML 9Page - Clarke International GWH2 Datasheet HTML 10Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
PROTECTION OF NEARBY PERSONNEL
For production welding, a separate, well vented room or enclosed bay is best.
In open areas, surround the operation with low reflective, non- combustible
screens or panels. Allow for free air circulation, particularly at floor level.
Provide face shields for all persons who will be looking directly at the weld.
Others working in the area should wear flash goggles. Before starting to weld,
make sure that screen or bay doors are closed.
TOXIC FUME PREVENTION
Comply with all precautions above.
FIRE AND EXPLOSION PREVENTION
Do not overload arc welding equipment. It may overheat cables and cause a
fire. Loose cable connections may overheat or flash and cause a fire. Never
strike an arc on a cylinder or other pressure vessel. It creates a brittle area that
can cause a violent rupture or lead to such a rupture later under rough
handling.
SHOCK PREVENTION
Exposed live conductors or other bare metal in the welding circuit, or in
unearthed, electrically-LIVE equipment can fatally shock a person whose
body becomes a conductor. DO NOT STAND, SIT, LIE, LEAN ON, OR TOUCH a
wet surface when welding, without suitable protection.
PROTECTION FOR WEARERS OF ELECTRONIC LIFE SUPPORT DEVICES
(PACEMAKERS).
Magnetic fields from high currents can affect pacemaker operation. Persons
wearing pacemakers should consult with their doctor before going near arc
welding or spot welding operations.
PROTECTION AGAINST SHOCK
Keep your body and clothing dry. Never work in damp area without
adequate insulation against electric shock. Stay on a dry duckboard or rubber
mat when dampness or sweat can not be avoided. Sweat, sea water, or
moisture between body and an electrically LIVE part - or earthed metal -
reduces the body surface electrical resistance, enabling dangerous and
possibly lethal currents to flow through the body.
EARTHING THE EQUIPMENT
When arc welding equipment is earthed according to the National Electrical
Code and the workpiece is earthed, a voltage may exist between the
electrode and any conducting object.
Examples of conducting objects include, but are not limited to, buildings,
electrical tools, work benches, welding power source cases, workpieces, etc.
Never touch the electrode and any metal object unless the welding power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com