Electronic Components Datasheet Search
  English  ▼

X  

GWH2 Datasheet(PDF) 11 Page - Clarke International

Part # GWH2
Description  140A MMA INVERTER WELDER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH2 Datasheet(HTML) 11 Page - Clarke International

Back Button GWH2 Datasheet HTML 7Page - Clarke International GWH2 Datasheet HTML 8Page - Clarke International GWH2 Datasheet HTML 9Page - Clarke International GWH2 Datasheet HTML 10Page - Clarke International GWH2 Datasheet HTML 11Page - Clarke International GWH2 Datasheet HTML 12Page - Clarke International GWH2 Datasheet HTML 13Page - Clarke International GWH2 Datasheet HTML 14Page - Clarke International GWH2 Datasheet HTML 15Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
MMA/ARC WELDING
PREPARATION
To prepare the machine for ARC welding it is important that you follow the
procedure below.
1. Making sure that the ON/OFF switch, located on the rear panel is in the OFF
position, connect the welding leads as follows:
• Work clamp lead to the (-)
Negative terminal.
• Welding rod holder lead to the
(+) Positive terminal
2. Select the appropriate welding rod and insert it into the welding rod holder.
3. Attach the work clamp to the workpiece as close as possible to the area
being welded. Clean with a wire brush where necessary to ensure the
connection is as clean as possible.
ROD DIAMETER
MATERIAL THICKNESS
1.6 mm
1.0 - 2.0 mm
2.5 mm
1.0 - 2.0 mm
3.2 mm
2.0 - 5.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com