Electronic Components Datasheet Search
  English  ▼

X  

GWH2 Datasheet(PDF) 18 Page - Clarke International

Part # GWH2
Description  140A MMA INVERTER WELDER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH2 Datasheet(HTML) 18 Page - Clarke International

Back Button GWH2 Datasheet HTML 14Page - Clarke International GWH2 Datasheet HTML 15Page - Clarke International GWH2 Datasheet HTML 16Page - Clarke International GWH2 Datasheet HTML 17Page - Clarke International GWH2 Datasheet HTML 18Page - Clarke International GWH2 Datasheet HTML 19Page - Clarke International GWH2 Datasheet HTML 20Page - Clarke International GWH2 Datasheet HTML 21Page - Clarke International GWH2 Datasheet HTML 22Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
RATING PLATE
DUTY CYCLE
This welder is covered by regulations EN 60974-1:2018 +A1:2019,/ EN 60974-
10:2014+A1:2015, where the Duty Cycle (X) is expressed as a percentage of
time the machine may be used in a given period for a specified welding
current.
i.e. When welding at 140 Amps the machine may be used for 6 minutes (60%)
in any10 minute period,
1
Name and address of manufacturer
12
Rated Welding Current Symbol
2
Model Number, / Part Number
13
Conventional Load Voltage Symbol
3
Serial / Batch Number
14
Energy Supply Symbol
4
Welding Power Source
15
Rated Supply Voltage
5
British Standards applied
16
Rated Maximum Supply Current
6
Welding Process Symbol
17
Maximum Effective Supply Current
7
This symbol indicates that the unit is
suitable for carrying out welding
operations in an environment which
has an increased risk of electric shock
18
19
20
21
N/A
8
Welding Current Symbol
22
Degree of Protection
9
Rated No-load Voltage
10
Range Of Output
11
Duty Cycle Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com