Electronic Components Datasheet Search
  English  ▼

X  

GWH2 Datasheet(PDF) 10 Page - Clarke International

Part # GWH2
Description  140A MMA INVERTER WELDER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH2 Datasheet(HTML) 10 Page - Clarke International

Back Button GWH2 Datasheet HTML 6Page - Clarke International GWH2 Datasheet HTML 7Page - Clarke International GWH2 Datasheet HTML 8Page - Clarke International GWH2 Datasheet HTML 9Page - Clarke International GWH2 Datasheet HTML 10Page - Clarke International GWH2 Datasheet HTML 11Page - Clarke International GWH2 Datasheet HTML 12Page - Clarke International GWH2 Datasheet HTML 13Page - Clarke International GWH2 Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ELECTRICAL CONNECTION
CONNECTING TO MAINS POWER
NOTE: This welder is earthed and must only be connected to the mains
with an earth connection. Do not attempt to use it without one.
• This welder is not supplied with a mains electrical plug because at
full capacity it will draw far too much power for a normal domestic
230V mains plug and socket. This welder must not be fitted with a
standard 13A UK plug.
• A high current 230V mains socket or terminal must be installed by a
qualified and accredited professional electrician. A 16A socket and
plug conforming to IEC 60309 is recommended.
• A non-socketed mains connection also requires welder connection
by a qualified and accredited professional electrician. However, a
socketed connection is safer and is recommended so the welder
can be safely isolated when necessary. If directly wired to the mains,
a double pole, double throw isolator switch must be fitted.
• The welder must be connected using a circuit protected by an RCD.
• Please refer to the Specification for details of the maximum current
required by this welder.
If in any doubt, do not attempt to connect or use this welder until a
professional electrician has been consulted.
ENVIRONMENTAL RECYCLING POLICY
Through purchase of this product, the customer is taking on the
obligation to deal with the WEEE in accordance with the WEEE
regulations in relation to the treatment, recycling & recovery and
environmentally sound disposal of the WEEE.
In effect, this means that this product must not be disposed of with general
household waste. It must be disposed of according to the laws governing
Waste Electrical and Electronic Equipment (WEEE) at a recognised disposal
facility.
If disposing of this product or any damaged components, do not dispose of
with general waste. This product contains valuable raw materials. Metal
products should be taken to your local civic amenity site for recycling of metal
products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com