Electronic Components Datasheet Search
  English  ▼

X  

GWH2 Datasheet(PDF) 15 Page - Clarke International

Part # GWH2
Description  140A MMA INVERTER WELDER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH2 Datasheet(HTML) 15 Page - Clarke International

Back Button GWH2 Datasheet HTML 11Page - Clarke International GWH2 Datasheet HTML 12Page - Clarke International GWH2 Datasheet HTML 13Page - Clarke International GWH2 Datasheet HTML 14Page - Clarke International GWH2 Datasheet HTML 15Page - Clarke International GWH2 Datasheet HTML 16Page - Clarke International GWH2 Datasheet HTML 17Page - Clarke International GWH2 Datasheet HTML 18Page - Clarke International GWH2 Datasheet HTML 19Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
TROUBLESHOOTING
DEFECT
CAUSES
SUGGESTIONS
Spark will not start
Bad clamp connection.
Inverter printed circuit is
defective.
Check clamp connection.
Contact your nearest
CLARKE dealer.
No output voltage Overheated machine (the
red LED should be on).
Wait for thermal cutout to
be reset.
Internal relay has failed.
Contact your nearest
CLARKE dealer.
Inverter printed circuit is
defective.
Contact your nearest
CLARKE dealer.
Wrong output
current
Current selector control is
defective.
Contact your nearest
CLARKE dealer.
Low power supply voltage.
Check the mains distribution
system.
Porosity of welds
Acid electrode on steel
with high sulphur content.
Electrode oscillates too
much.
Workpieces are too far
apart.
Workpiece being welded is
cold.
Use basic electrode.
Move edges to be welded
closer together. Move slowly
at the beginning.
Cracks in weld
Material being welded is
dirty (e.g.oil, paint, rust,
oxides).
Not enough current.
Clean workpiece before
welding is an essential
method of achieving neat
weld beads.
Limited
penetration
Low current, high welding
rate, reversed polarity.
Electrode inclined in
position opposite to it's
movement.
Ensure operating para -
meters are regulated and
improve preparation of
work pieces.
High Sprays
Electrode is too inclined.
Make appropriate
corrections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com