Electronic Components Datasheet Search
  English  ▼

X  

RX72T Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # RX72T
Description  Renesas MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72T Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button RX72T Datasheet HTML 85Page - Renesas Technology Corp RX72T Datasheet HTML 86Page - Renesas Technology Corp RX72T Datasheet HTML 87Page - Renesas Technology Corp RX72T Datasheet HTML 88Page - Renesas Technology Corp RX72T Datasheet HTML 89Page - Renesas Technology Corp RX72T Datasheet HTML 90Page - Renesas Technology Corp RX72T Datasheet HTML 91Page - Renesas Technology Corp RX72T Datasheet HTML 92Page - Renesas Technology Corp RX72T Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 120 page
background image
R01DS0331EJ0110 Rev.1.10
Page 89 of 120
Oct 06, 2023
RX72T Group
2. Electrical Characteristics
Note 1. tPAcyc: PCLKA cycle, tPBcyc: PCLKB cycle
Table 2.38
Simple SPI Timing
Conditions: VCC = 2.7 to 5.5 V, VCC_USB = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5V,
VSS = VSS_USB = AVSS0 = AVSS1 = AVSS2 = 0 V, Ta = Topr,
ICLK = 8 to 200 MHz, PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, PCLKC = 8 to 200 MHz, BCLK = 8 to 60 MHz,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-drive output is selected by the driving ability control register (other than for P53 to P55 and P60 to P65).
Item
Symbol
Min.
Max.
Unit*1
Test
Conditions
Simple
SPI
(SCI11)
SCK clock cycle output (master)
tSPcyc
4
65536
tPAcyc
Figure 2.48
SCK clock cycle input (slave)
8
—
SCK clock high pulse width
tSPCKWH
0.4
0.6
tSPcyc
SCK clock low pulse width
tSPCKWL
0.4
0.6
tSPcyc
SCK clock rise/fall time
tSPCKr, tSPCKf
—20
ns
Data input setup time
tSU
33.3
—
ns
Figure 2.49 to
Figure 2.52
Data input hold time
tH
33.3
—
ns
SS input setup time
tLEAD
1—
tSPcyc
SS input hold time
tLAG
1—
tSPcyc
Data output delay time
tOD
—
33.3
ns
Data output hold time
tOH
–10
—
ns
Data rise/fall time
tDr, tDf
—
16.6
ns
SS input rise/fall time
tSSLr, tSSLf
—
16.6
ns
Slave access time
tSA
—7
tPAcyc
Figure 2.51,
Figure 2.52
Slave output release time
tREL
—7
tPAcyc
Simple
SPI
(SCI1,
SCI5,
SCI6,
SCI8,
SCI9,
SCI12)
SCK clock cycle output (master)
tSPcyc
4
65536
tPBcyc
Figure 2.48
SCK clock cycle input (slave)
8
—
SCK clock high pulse width
tSPCKWH
0.4
0.6
tSPcyc
SCK clock low pulse width
tSPCKWL
0.4
0.6
tSPcyc
SCK clock rise/fall time
tSPCKr, tSPCKf
—20
ns
Data input setup time
tSU
33.3
—
ns
Figure 2.49 to
Figure 2.52
Data input hold time
tH
33.3
—
ns
SS input setup time
tLEAD
1—
tSPcyc
SS input hold time
tLAG
1—
tSPcyc
Data output delay time
tOD
—
33.3
ns
Data output hold time
tOH
–10
—
ns
Data rise/fall time
tDr, tDf
—
16.6
ns
SS input rise/fall time
tSSLr, tSSLf
—
16.6
ns
Slave access time
tSA
—7
tPBcyc
Figure 2.51,
Figure 2.52
Slave output release time
tREL
—7
tPBcyc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com