Electronic Components Datasheet Search
  English  ▼

X  

RX72T Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # RX72T
Description  Renesas MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72T Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button RX72T Datasheet HTML 12Page - Renesas Technology Corp RX72T Datasheet HTML 13Page - Renesas Technology Corp RX72T Datasheet HTML 14Page - Renesas Technology Corp RX72T Datasheet HTML 15Page - Renesas Technology Corp RX72T Datasheet HTML 16Page - Renesas Technology Corp RX72T Datasheet HTML 17Page - Renesas Technology Corp RX72T Datasheet HTML 18Page - Renesas Technology Corp RX72T Datasheet HTML 19Page - Renesas Technology Corp RX72T Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 120 page
background image
R01DS0331EJ0110 Rev.1.10
Page 16 of 120
Oct 06, 2023
RX72T Group
1. Overview
1.4
Pin Functions
Table 1.4 lists the pin functions.
Table 1.4
Pin Functions (1/6)
Classifications
Pin Name
I/O
Description
Digital power supply
VCC
—
Power supply pin. Connect this pin to the system power supply.
Connect the pin to VSS via a 0.1-µF multilayer ceramic
capacitor. The capacitor should be placed close to the pin.
VCL
—
Connect this pin to VSS via a 0.47-µF smoothing capacitor used
to stabilize the internal power supply. The capacitor should be
placed close to the pin.
VSS
—
Ground pin. Connect it to the system power supply (0 V).
Clock
XTAL
Output
Pins for a crystal resonator. An external clock signal can be
input through the EXTAL pin.
EXTAL
Input
BCLK
Output
Outputs the external bus clock for external devices.
CAC
CACREF
Input
Input pin for the clock frequency accuracy measurement circuit.
Operating mode control
MD
Input
Pins for setting the operating mode. The signal levels on these
pins must not be changed during operation.
UB
Input
Enable pin for boot mode (USB interface) and user boot mode
UPSEL
Input
Selects the power supply method in boot mode (USB interface).
The low level selects self-power mode and the high level selects
bus power mode.
System control
RES#
Input
Reset pin. This MCU enters the reset state when this signal
goes low.
EMLE
Input
Input pin for the on-chip emulator enable signal. When the on-
chip emulator is used, this pin should be driven high. When not
used, it should be driven low.
On-chip emulator
FINED
I/O
FINE interface pin.
TRST#
Input
Pins for the on-chip emulator. When the EMLE pin is driven
high, these pins are dedicated for the on-chip emulator.
TMS
Input
TDI
Input
TCK
Input
TDO
Output
TRCLK
Output
This pin outputs the clock for synchronization with the trace
data.
TRSYNC
Output
This pin indicates that output from the TRDATA0 to TRDATA3
pins is valid.
TRSYNC1
Output
This pin indicates that output from the TRDATA4 to TRDATA7
pins is valid.
TRDATA0, TRDATA1,
TRDATA2, TRDATA3,
TRDATA4, TRDATA5,
TRDATA6, TRDATA7
Output
These pins output the trace information.
Address bus
A0 to A20
Output
Output pins for the address
Data bus
D0 to D15
I/O
Input and output pins for the bidirectional data bus
Multiplexed bus
A0/D0 to A15/D15
I/O
Address/data multiplexed bus
Bus control
RD#
Output
Strobe signal which indicates that reading from the external bus
interface space is in progress
WR#
Output
Strobe signal which indicates that writing to the external bus
interface space is in progress, in 1-write strobe mode
WR0#, WR1#
Output
Strobe signals which indicate that either group of data bus pins
(D7 to D0, D15 to D8) is valid in writing to the external bus
interface space, in byte strobe mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com