Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21990 Datasheet(PDF) 32 Page - Analog Devices

Part # ADSP-21990
Description  Mixed-Signal DSP Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADSP-21990 Datasheet HTML 28Page - Analog Devices ADSP-21990 Datasheet HTML 29Page - Analog Devices ADSP-21990 Datasheet HTML 30Page - Analog Devices ADSP-21990 Datasheet HTML 31Page - Analog Devices ADSP-21990 Datasheet HTML 32Page - Analog Devices ADSP-21990 Datasheet HTML 33Page - Analog Devices ADSP-21990 Datasheet HTML 34Page - Analog Devices ADSP-21990 Datasheet HTML 35Page - Analog Devices ADSP-21990 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Rev. A
|
Page 32 of 50
|
August 2007
ADSP-21990
External Port Bus Request/Grant Cycle Timing
Table 11 and Figure 12 describe external port bus request and
bus grant operations.
Table 11. External Port Bus Request and Grant Cycle Timing
Parameter1, 2
Min
Max
Unit
Timing Requirements
tBS
BR Asserted to CLKOUT High Setup
4.6
ns
tBH
CLKOUT High to BR Deasserted Hold Time
0
ns
Switching Characteristics
tSD
CLKOUT High to xMS, Address, and RD/WR Disable
0.5tHCLK + 1
ns
tSE
CLKOUT Low to xMS, Address, and RD/WR Enable
04ns
tDBG
CLKOUT High to BG Asserted Setup
0
4
ns
tEBG
CLKOUT High to BG Deasserted Hold Time
0
4
ns
tDBH
CLKOUT High to BGH Asserted Setup
0
4
ns
tEBH
CLKOUT High to BGH Deasserted Hold Time
0
4
ns
1 tHCLK is the peripheral clock period.
2 These are timing parameters that are based on worst-case operating conditions.
Figure 12. External Port Bus Request and Grant Cycle Timing
tBH
A21–0
CLKOUT
tBS
tSD
tSD
tSD
tDBG
tDBH
tSE
tSE
tSE
tEBG
tEBH
BGH
WR
RD
MS3–0
IOMS
BMS
BR
BG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com