Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21990 Datasheet(PDF) 24 Page - Analog Devices

Part # ADSP-21990
Description  Mixed-Signal DSP Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADSP-21990 Datasheet HTML 20Page - Analog Devices ADSP-21990 Datasheet HTML 21Page - Analog Devices ADSP-21990 Datasheet HTML 22Page - Analog Devices ADSP-21990 Datasheet HTML 23Page - Analog Devices ADSP-21990 Datasheet HTML 24Page - Analog Devices ADSP-21990 Datasheet HTML 25Page - Analog Devices ADSP-21990 Datasheet HTML 26Page - Analog Devices ADSP-21990 Datasheet HTML 27Page - Analog Devices ADSP-21990 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
Rev. A
|
Page 24 of 50
|
August 2007
ADSP-21990
ABSOLUTE MAXIMUM RATINGS
ESD CAUTION
TIMING SPECIFICATIONS
This section contains timing information for the DSP external
signals. Use the exact information given. Do not attempt to
derive parameters from the addition or subtraction of other
information. While addition or subtraction would yield mean-
ingful results for an individual device, the values given in this
data sheet reflect statistical variations and worst cases. Conse-
quently, parameters cannot be added meaningfully to derive
longer times.
Switching characteristics specify how the processor changes its
signals. No control is possible over this timing; circuitry exter-
nal to the processor must be designed for compatibility with
these signal characteristics. Switching characteristics indicate
what the processor will do in a given circumstance. Switching
characteristics can also be used to ensure that any timing
requirement of a device connected to the processor (such as
memory) is satisfied.
Timing requirements apply to signals that are controlled by cir-
cuitry external to the processor, such as the data input for a read
operation.Timing requirements guarantee that the processor
operates correctly with other devices.
Table 5. Absolute Maximum Ratings
Parameter
Rating
Internal (Core) Supply Voltage (VDDINT)
1
–0.3 V to +3.0 V
External (I/O) Supply Voltage (VDDEXT)
1
–0.3 V to +4.6 V
Input Voltage (VIL – VIH)
1, 2
–0.5 V to +5.5 V
Output Voltage Swing (VOL – VOH)
1, 2
–0.5 V to +5.5 V
Load Capacitance (CL)
1
200 pF
Core Clock Period (tCCLK)
1
6.25 ns
Core Clock Frequency (fCCLK)
1
160 MHz
Peripheral Clock Period (tHCLK)
1
12.5 ns
Peripheral Clock Frequency (fHCLK)
1
80 MHz
Storage Temperature Range (TSTORE)
1
–65 C to +150 C
Lead Temperature (5 Seconds) (TLEAD)
1
185 C
1 Stresses greater than those listed above may cause permanent damage to the device. These are
stress ratings only; functional operation of the device at these or any other conditions greater
than those indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability.
2 Except CLKIN and analog pins.
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can discharge
without detection. Although this product features
patented or proprietary circuitry, damage may occur
on devices subjected to high energy ESD. Therefore,
proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com