Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21990 Datasheet(PDF) 4 Page - Analog Devices

Part # ADSP-21990
Description  Mixed-Signal DSP Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990 Datasheet(HTML) 4 Page - Analog Devices

  ADSP-21990 Datasheet HTML 1Page - Analog Devices ADSP-21990 Datasheet HTML 2Page - Analog Devices ADSP-21990 Datasheet HTML 3Page - Analog Devices ADSP-21990 Datasheet HTML 4Page - Analog Devices ADSP-21990 Datasheet HTML 5Page - Analog Devices ADSP-21990 Datasheet HTML 6Page - Analog Devices ADSP-21990 Datasheet HTML 7Page - Analog Devices ADSP-21990 Datasheet HTML 8Page - Analog Devices ADSP-21990 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
Rev. A
|
Page 4 of 50
|
August 2007
ADSP-21990
The block diagram (Figure 2) shows the architecture of the
embedded ADSP-21xx core. It contains three independent com-
putational units: the ALU, the multiplier/accumulator (MAC),
and the shifter. The computational units process 16-bit data
from the register file and have provisions to support multipreci-
sion computations. The ALU performs a standard set of
arithmetic and logic operations; division primitives are also sup-
ported. The MAC performs single cycle multiply, multiply/add,
and multiply/subtract operations. The MAC has two 40-bit
accumulators, which help with overflow. The shifter performs
logical and arithmetic shifts, normalization, denormalization,
and derive exponent operations. The shifter can be used to effi-
ciently implement numeric format control, including
multiword and block floating-point representations.
Register usage rules influence placement of input and results
within the computational units. For most operations, the com-
putational unit data registers act as a data register file,
permitting any input or result register to provide input to any
unit for a computation. For feedback operations, the computa-
tional units let the output (result) of any unit be input to any
unit on the next cycle. For conditional or multifunction instruc-
tions, there are restrictions on which data registers may provide
inputs or receive results from each computational unit. For
more information, see the ADSP-2199x DSP Instruction Set
Reference.
A powerful program sequencer controls the flow of instruction
execution. The sequencer supports conditional jumps, subrou-
tine calls, and low interrupt overhead. With internal loop
counters and loop stacks, the ADSP-21990 executes looped code
with zero overhead; no explicit jump instructions are required
to maintain loops.
Two data address generators (DAGs) provide addresses for
simultaneous dual operand fetches (from data memory and pro-
gram memory). Each DAG maintains and updates four 16-bit
address pointers. Whenever the pointer is used to access data
(indirect addressing), it is pre- or post-modified by the value of
one of four possible modify registers. A length value and base
address may be associated with each pointer to implement auto-
matic modulo addressing for circular buffers. Page registers in
the DAGs allow circular addressing within 64K word bound-
aries of each of the 256 memory pages, but these buffers may not
cross page boundaries. Secondary registers duplicate all the pri-
mary registers in the DAGs; switching between primary and
secondary registers provides a fast context switch.
Efficient data transfer in the core is achieved with the use of
internal buses:
• Program memory address (PMA) bus
• Program memory data (PMD) bus
• Data memory address (DMA) bus
• Data memory data (DMD) bus
• Direct memory access address bus
• Direct memory access data bus
Figure 2. Block Diagram
DATA
ADDRESS
SYSTEM INTERRUPT
CONTROLLER
I/O DATA
I/O REGISTERS
(MEMORY-MAPPED)
CONTROL
STATUS
BUFFERS
I/O PROCESSOR
CACHE
64
24-BIT
JTAG
TEST AND
EMULATION
6
ADDR BUS
MUX
DATA BUS
MUX
16
20
PM ADDRESS BUS
DM ADDRESS BUS
PM DATA BUS
DM DATA BUS
PX
24
16
ADSP-219x DSP CORE
PROGRAM
SEQUENCER
DATA
REGISTER
FILE
MULT
BARREL
SHIFTER
ALU
DMA CONTROLLER
INPUT
REGISTERS
RESULT
REGISTERS
16
16-BIT
DAG1
4
4
16
DAG2
4
4
16
INTERNAL MEMORY
24
24
ADDRESS
DATA
DATA
ADDRESS 24 BIT
16 BIT
16 BIT
FOUR INDEPENDENT BLOCKS
PROGRAMMABLE
FLAGS (16)
TIMERS
(3)
3
DMA CONNECT
DMA ADDRESS
EXTERNAL PORT
18
I/O ADDRESS
24
16
24
DMA DATA
EMBEDDED
CONTROL
PERIPHERALS
AND
COMMUNICATIONS
PORTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com