Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21990 Datasheet(PDF) 18 Page - Analog Devices

Part # ADSP-21990
Description  Mixed-Signal DSP Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADSP-21990 Datasheet HTML 14Page - Analog Devices ADSP-21990 Datasheet HTML 15Page - Analog Devices ADSP-21990 Datasheet HTML 16Page - Analog Devices ADSP-21990 Datasheet HTML 17Page - Analog Devices ADSP-21990 Datasheet HTML 18Page - Analog Devices ADSP-21990 Datasheet HTML 19Page - Analog Devices ADSP-21990 Datasheet HTML 20Page - Analog Devices ADSP-21990 Datasheet HTML 21Page - Analog Devices ADSP-21990 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
Rev. A
|
Page 18 of 50
|
August 2007
ADSP-21990
BH
D, O
PWM Channel B HI PWM
BL
D, O
PWM Channel B LO PWM
CH
D, O
PWM Channel C HI PWM
CL
D, O
PWM Channel C LO PWM
PWMSYNC
D, BT
PWM Synchronization
PWMPOL
D, I, PU
PWM Polarity
PWMTRIP
D, I, PD
PWM Trip
PWMSR
D, I, PU
PWM SR Mode Select
AVDD (2 pins)
A, P
Analog Supply Voltage
AVSS (2 pins)
A, G
Analog Ground
VDDINT (6 pins)
D, P
Digital Internal Supply
VDDEXT (10 pins)
D, P
Digital External Supply
GND (16 pins)
D, G
Digital Ground
Table 4. Pin Descriptions (Continued)
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com