Electronic Components Datasheet Search
  English  ▼

X  

AHT-20 Datasheet(PDF) 6 Page - ASAIR All Rights Reserved.

Part # AHT-20
Description  Humidity and Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASAIR [ASAIR All Rights Reserved.]
Direct Link  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT-20 Datasheet(HTML) 6 Page - ASAIR All Rights Reserved.

Back Button AHT-20 Datasheet HTML 2Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 3Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 4Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 5Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 6Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 7Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 9Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 10Page - ASAIR All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.aosong.com
Version:V1.0 —— May 2021
AHT20 Data Sheet
6 / 16
Figure 9. JEDEC Standard welding procedure diagram. Tp<=260°C,tp<30 sec, lead-free welding. TL<220°C,tl<150 sec,
The rate of temperature rise and fall during welding shall be < 5°C/sec
Sensor can be welded through standard reflow furnace. The sensor fully meets the IPC/JEDEC J-STD-020D
welding standard. The contact time should be less than 30 seconds at the highest 260℃ (see Fig. 9) and the
ultimate welding temperature that the sensor can withstand is 260℃,so it is recommended to use low
temperature 180℃ when reflow soldering.
Note: After reflow welding, the sensor should be stored at room temperature of 25℃ and relative humidity greater
than 75%RH for 12~72 hours, or placed at temperature of 60℃~85℃ and relative humidity greater than 85%RH
for 2~6 hours, to ensure the rehydration of the polymer , otherwise it will lead to sensor reading drift. Using low
temperature reflow (e.g.180℃) can reduce hydration time.
Don't not use the sensor in corrosive gas or condensed water.
4..2 Storage Conditions and Operating Instructions
The humidity sensitivity level (MSL) is 1, according to the IPC/JEDEC J-STD-020 standard. Therefore, it is
recommended to use it within one year after shipment.
The temperature and humidity sensor is not an ordinary electronic component and needs to be carefully protected.
Users must pay attention to this point. Long-term exposure to high concentrations of chemical vapor will cause the
sensor's readings to drift. Therefore, it is recommended to store the sensor in the original packaging including a
sealed ESD bag, and meet the following conditions: temperature range 10℃-50℃ (within a limited time 0-85℃);
humidity 20-60%RH (without ESD package) sensor). For those sensors that have been removed from the original
packaging, we recommend storing them in an antistatic bag made of PET/AL/CPE containing metal.
During production and transportation, the sensor should avoid contact with high concentrations of chemical
solvents and long-term exposure. Avoid contact with volatile glues, tapes, stickers or volatile packaging materials,
such as foam foils and foam materials Wait. The production area should be well ventilated.
4.3 Recovery Processing
As mentioned above, the readings can drift if the sensor is exposed to extreme operating conditions or chemical
vapors. It can be restored to the calibration state by the following processing. If the humidity is high, take drying
measures: keep it at 60-85℃ and <5%RH for 2-10 hours until recovery; If the humidity is low, it can be rehydrated.
Refer to Section 4.1 for reflow soldering after rehydration treatment.
4.4 Temperature Effect
The relative humidity of gases depends largely on temperature. Therefore, when measuring humidity, all sensors
measuring the same humidity should work at the same temperature as possible. When testing, it is necessary to
ensure that the same temperature, and then compare the humidity readings.
If the sensor and the heating-prone electronic components are placed on the same printing circuit board, measures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com