Electronic Components Datasheet Search
  English  ▼

X  

AHT-20 Datasheet(PDF) 7 Page - ASAIR All Rights Reserved.

Part # AHT-20
Description  Humidity and Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASAIR [ASAIR All Rights Reserved.]
Direct Link  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT-20 Datasheet(HTML) 7 Page - ASAIR All Rights Reserved.

Back Button AHT-20 Datasheet HTML 3Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 4Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 5Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 6Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 7Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 9Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 10Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 11Page - ASAIR All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.aosong.com
Version:V1.0 —— May 2021
AHT20 Data Sheet
7 / 16
should be taken to minimize the effect of heat transfer as far as possible in the design of the circuit.
For example, to maintain good ventilation of the shell, the copper coating of AHT20 and other parts of the printed
circuit board should be as smallest as possible, or leave a gap between them. (See Fig. 10)
Figure 10 The top view of AHT20 printed circuit board, the design of the milling slit is added in the figure, The heat transfer
can be reduced to a minimum.
In addition, when the measurement frequency is too high, the temperature of the sensor itself will rise and affect
the measurement accuracy. In order to ensure that its own temperature rise is low by 0.1℃, it is recommended
that the IIC frequency should be between 10K and 400KHz during measurement, and should not be too high, and
the data collection cycle should be greater than 1 second/time.
4.5 Product application scenario design
In product design, the sensor has following characteristics:
1) Sensor is in full contact with the outside air
Housing
PCB
Figure 11. Suitable windows on the enclosure provide good access to environmental measurements and allow for greater
air exchange.
2) The sensor is completely isolated from the air nside the housing
Housing
PCB
Figure 12. The sensor is isolated from the air inside the housing,
which minimizes the impact of the air inside the housing on the
sensor.
3) Small measurement dead zone around the sensor
Housing
PCB
Figure 13. Small measurement dead zone helps the sensor to
quickly and comprehensively detect environmental changes.
4) The sensor is isolated from the heat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com