Electronic Components Datasheet Search
  English  ▼

X  

AHT-20 Datasheet(PDF) 12 Page - ASAIR All Rights Reserved.

Part # AHT-20
Description  Humidity and Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASAIR [ASAIR All Rights Reserved.]
Direct Link  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT-20 Datasheet(HTML) 12 Page - ASAIR All Rights Reserved.

Back Button AHT-20 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 9Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 10Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 11Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 12Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 13Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 14Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 15Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 16Page - ASAIR All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
www.aosong.com
Version:V1.0 —— May 2021
AHT20 Data Sheet
12 / 16
When SCL is high, the SDA line changes from low to high. The stop state is a special bus state controlled by
the master, indicating the end of the slave transmission (after Stop, the BUS bus is generally considered to be
in an idle state).
7.3 Send Command
After the transmission is started, the first byte of I²C that is subsequently transmitted includes the 7-bit I²C device
address 0x38 and a SDA direction bit x (read R: ‘1’, write W: ‘0’). After the 8th falling edge of the SCL clock, pull
down the SDA pin (ACK bit) to indicate that the sensor data is received normally. After sending the measurement
command 0xAC, the MCU must wait until the measurement is completed.
Bits
Significance
Description
Bit [7]
Busy indication
1-Equipment is busy, in measurement mode
0- Equipment is idle, in hibernation state
Bit [6:5]
Retain
Retain
Bit [4]
Retain
Retain
Bit [3]
CAL Enable
1 - Calibrated
0 - Uncalibrated
Bit [2:0]
Retain
Retain
Table 9. Status bit description
7.4 Sensor Reading Process
1. After power-on, wait for ≥100ms Before reading the temperature and humidity value, get a byte of status word
by sending 0x71. If the status word and 0x18 are not equal to 0x18, initialize the 0x1B, 0x1C, 0x1E registers,
details Please refer to our official website routine for the initialization process; if they are equal, proceed to the next
step.
2. Wait 10ms to send the 0xAC command (trigger measurement). This command parameter has two bytes, the first
byte is 0x33, and the second byte is 0x00.
3. Wait 80ms for the measurement to be completed, if the read status word Bit[7] is 0, it means the measurement
is completed, and then six bytes can be read continuously; otherwise, continue to wait.
4. After receiving six bytes, the next byte is CRC check data, which the user can read as needed. If the receiver
needs CRC check, it will send an ACK reply after receiving the sixth byte, otherwise it will send a NACK reply. The
initial value of CRC is 0xFF, and the CRC8 check polynomial is:
CRC [7:0] = 1+X4+X5+X8
5. Calculate the temperature and humidity value
Note: The calibration status check in the first step only needs to be checked when the power is turned on.No
operation is required during the acquisition process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com