Electronic Components Datasheet Search
  English  ▼

X  

AHT-20 Datasheet(PDF) 11 Page - ASAIR All Rights Reserved.

Part # AHT-20
Description  Humidity and Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASAIR [ASAIR All Rights Reserved.]
Direct Link  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT-20 Datasheet(HTML) 11 Page - ASAIR All Rights Reserved.

Back Button AHT-20 Datasheet HTML 7Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 9Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 10Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 11Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 12Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 13Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 14Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 15Page - ASAIR All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.aosong.com
Version:V1.0 —— May 2021
AHT20 Data Sheet
11 / 16
The abbreviations are explained in Table 8. The thicker SDA line is controlled by the sensor, and the ordinary SDA
line is controlled by the single-chip microcomputer. Please note that the SDA valid read time is triggered by the
falling edge of the previous conversion.
Table 8. Timing characteristics of I²C fast mode digital Inputs/outputs.
The meaning is shown in Figure 17 Unless otherwise noted.
7 Sensor Communication
Sensor uses standard I²C protocol for communication. For information about the I²C protocol other than the
following chapters, please refer to the following website: www.aosong.com provides a sample program for
reference.
7.1 Start the Sensor
The first step is to power up the sensor with the selected VDD supply voltage (range between 2.2V and 5.5V).
After power-on, the sensor needs ≥100ms time (SCL is high at this time) to reach the idle state and it is ready to
receive commands sent by the host (MCU).
7.2 Start/Stop Sequence
Each transmission sequence starts with the Start state and ends with the Stop state, as shown in Figure 18 and
Figure 19.
Figure 18. Start transmission status (S)
When SCL is high, SDA is converted from high to low. The start state is a special bus state controlled by the
master, indicating the start of the slave transfer (after Start, the BUS bus is generally considered to be in a busy
state)
Figure 19. Stop transmission state (P)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com