Electronic Components Datasheet Search
  English  ▼

X  

AHT-20 Datasheet(PDF) 8 Page - ASAIR All Rights Reserved.

Part # AHT-20
Description  Humidity and Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASAIR [ASAIR All Rights Reserved.]
Direct Link  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT-20 Datasheet(HTML) 8 Page - ASAIR All Rights Reserved.

Back Button AHT-20 Datasheet HTML 4Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 5Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 6Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 7Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 9Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 10Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 11Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 12Page - ASAIR All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.aosong.com
Version:V1.0 —— May 2021
AHT20 Data Sheet
8 / 16
Figure 14. The sensor is isolated from the internal heat source to
minimize the effect of internal heat on sensor.
5) The sensor power supply can be controlled
In order to improve the stability of the system, the following power supply controllable scheme is provided:
Figure 15. Typical application circuit.
Note: 1. The power supply voltage range of the host MCU to the sensor is 2.2~5.5V.
2. When the sensor is just powered on, MCU gives priority to VDD power supply, and SCL and SDA high
levels can be set after 5ms.
3. The VDD of the sensor shall be supplemented with RC filtering circuit, as shown in the figure R1 and C1.
6) The wiring rules of the sensor on the PCB
In order to improve the reliability of the sensor, the layout of the circuit board should be avoided in the bottom of
the sensor wiring or copper design.
4.6 Materials for Sealing and Encapsulation
Many materials absorb moisture and will act as a buffer, which will increase response time and lag. Therefore, the
materials around the sensor should be carefully selected. The recommended materials are: metal materials, LCP,
POM(Delrin), PTFE(Teflon), PE, PEEK, PP, PB, PPS, PSU, PVDF, PVF.
Material used for sealing and bonding (conservative recommendation): It is recommended to use epoxy resin to
encapsulate electronic components, or silicone resin. The gases released by these materials may also contaminate
AHT20 (see 4.2). Therefore, the sensor should be assembled last, and placed in a well-ventilated place, or dried for
24 hours in an environment of >50℃, so as to release the polluted gas before packaging.
4.7 Wiring Rules and Signal Integrity
If the SCL and SDA signal lines are parallel and very close to each other, it may cause signal crosstalk and
communication failure. The solution is to place VDD and/or GND between the two signal lines, separate the signal
lines, and use shielded cables. In addition, reduce
SCL frequency may also improve the integrity of signal transmission. A 10uF decoupling capacitor must be added
between the power supply pins (VDD, GND) for filtering. This capacitor should be as close as possible to the sensor.
See the next chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com