Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1350 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXLD1350
Description  30V 350mA LED DRIVER with AEC-Q100
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1350 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXLD1350 Datasheet HTML 1Page - Diodes Incorporated ZXLD1350 Datasheet HTML 2Page - Diodes Incorporated ZXLD1350 Datasheet HTML 3Page - Diodes Incorporated ZXLD1350 Datasheet HTML 4Page - Diodes Incorporated ZXLD1350 Datasheet HTML 5Page - Diodes Incorporated ZXLD1350 Datasheet HTML 6Page - Diodes Incorporated ZXLD1350 Datasheet HTML 7Page - Diodes Incorporated ZXLD1350 Datasheet HTML 8Page - Diodes Incorporated ZXLD1350 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ZXLD1350
30V 350mA LED DRIVER with AEC-Q100
ZXLD1350
Document number: DS33468 Rev. 8 - 2
4 of 22
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Electrical Characteristics (Test conditions: V
IN = 12V, T
amb = 25°C, unless otherwise specified.) (Note 3)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VSU
Internal regulator start-up threshold
VIN rising
4.8
V
IINQoff
Quiescent supply current with output off
ADJ pin grounded
15
20
µA
IINQon
Quiescent supply current with output switching
ADJ pin floating
f = 250kHz
250
500
µA
VSENSE
Mean current sense threshold voltage
(Defines LED current setting accuracy)
Measured on ISENSE pin
with respect to VIN
VADJ = 1.25V
95
100
105
mV
VSENSEHYS
Sense threshold hysteresis
±15
%
ISENSE
ISENSE pin input current
VSENSE = VIN -0.1
1.25
10
µA
VREF
Internal reference voltage
Measured on ADJ pin with
pin floating
1.21
1.25
1.29
V
DVREF/DT
Temperature coefficient of VREF
50
ppm/°
C
VADJ
External control voltage range on ADJ pin for
DC brightness control (Note 4)
0.3
2.5
V
VADJoff
DC voltage on ADJ pin to switch device from
active (on) state to quiescent (off) state
VADJ falling
0.15
0.2
0.25
V
VADJon
DC voltage on ADJ pin to switch device from
quiescent (off) state to active (on) state
VADJ rising
0.2
0.25
0.3
V
RADJ
Resistance between ADJ pin and VREF
135
250
k
Ω
ILXmean
Continuous LX switch current
0.37
A
RLX
LX switch ‘On’ resistance
1.5
2
Ω
ILX(leak)
LX switch leakage current
1
µA
DPWM(LF)
Duty cycle range of PWM signal applied to ADJ
pin during low frequency PWM dimming mode
PWM frequency <500Hz
PWM amplitude = VREF
Measured on ADJ pin
0.01
1
Brightness control range
100:1
DPWM(HF)
Duty cycle range of PWM signal applied to ADJ
pin during high frequency PWM dimming mode
PWM frequency <10kHz
PWM amplitude = VREF
Measured on ADJ pin
0.16
1
Brightness control range
5:1
fLX
Operating frequency
(See graphs for more details)
ADJ pin floating
L = 100H (0.82V)
IOUT = 350ma @ VLED = 3.4V
Driving 1 LED
250
kHz
tSS
Start up time
(See graphs for more details)
Time taken for output
current to reach 90% of final
value after voltage on ADJ
pin has risen above 0.3V.
500
µs
Notes:
3. Production testing of the device is performed at 25°C. Functional operation of the device and parameters specified over a -40°C to +105°C
temperature range, are guaranteed by design, characterization and process control.
4. 100% brightness corresponds to VADJ = VADJ(nom) = VREF. Driving the ADJ pin above VREF will increase the VSENSE threshold and output current
proportionally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com