Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1350 Datasheet(PDF) 18 Page - Diodes Incorporated

Part # ZXLD1350
Description  30V 350mA LED DRIVER with AEC-Q100
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1350 Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button ZXLD1350 Datasheet HTML 14Page - Diodes Incorporated ZXLD1350 Datasheet HTML 15Page - Diodes Incorporated ZXLD1350 Datasheet HTML 16Page - Diodes Incorporated ZXLD1350 Datasheet HTML 17Page - Diodes Incorporated ZXLD1350 Datasheet HTML 18Page - Diodes Incorporated ZXLD1350 Datasheet HTML 19Page - Diodes Incorporated ZXLD1350 Datasheet HTML 20Page - Diodes Incorporated ZXLD1350 Datasheet HTML 21Page - Diodes Incorporated ZXLD1350 Datasheet HTML 22Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
ZXLD1350
30V 350mA LED DRIVER with AEC-Q100
ZXLD1350
Document number: DS33468 Rev. 8 - 2
18 of 22
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (Continued)
Example:
For VIN =12V, L=47µH, rL=0.64V, VLED=3.4V, Iavg =350mA and VD =0.36V
tON = (47e-6 x 0.105)/(12 - 3.4 - 0.672) = 0.622µs
tOFF = (47e-6 x 0.105)/(3.4 + 0.36 + 0.322)= 1.21µs
This gives an operating frequency of 546kHz and a duty cycle of 0.34.
These and other equations are available as a spreadsheet calculator from the Diodes website.
Note that in practice, the duty cycle and operating frequency will deviate from the calculated values due to dynamic switching
delays, switch rise/fall times and losses in the external components.
Optimum performance will be achieved by setting the duty cycle close to 0.5 at the nominal supply voltage. This helps to
equalize the undershoot and overshoot and improves temperature stability of the output current.
Diode Selection
For maximum efficiency and performance, the rectifier (D1) should be a fast low capacitance Schottky diode with low reverse
leakage at the maximum operating voltage and temperature. The recommended diode for use with this part is the ZLLS1000.
This has approximately ten times lower leakage than standard Schottky diodes, which are unsuitable for use above 85°C. It
also provides better efficiency than silicon diodes, due to a combination of lower forward voltage and reduced recovery time.
The table below gives the typical characteristics for the ZLLS1000:
Diode
Forward Voltage
@ 100mA (mV)
Continuous
Current
(mA)
Reverse Leakage
@ 30V 85°C
(mA)
Package
ZLLS1000
310
1000
300
TSOT23
If alternative diodes are used, it is important to select parts with a peak current rating above the peak coil current and a
continuous current rating higher than the maximum output load current. It is very important to consider the reverse leakage of
the diode when operating above 85°C. Excess leakage will increase the power dissipation in the device.
The higher forward voltage and overshoot due to reverse recovery time in silicon diodes will increase the peak voltage on the
LX output. If a silicon diode is used, care should be taken to ensure that the total voltage appearing on the LX pin including
supply ripple, does not exceed the specified maximum value.
Reducing Output Ripple
Peak to peak ripple current in the LED(s) can be reduced, if required, by shunting a capacitor Cled across the LED(s) as
shown below:
ZXLD1350
LED
Cled
L1
LX
I
SENSE
D1
R
S
V
IN
V
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com