Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1350 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # ZXLD1350
Description  30V 350mA LED DRIVER with AEC-Q100
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1350 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button ZXLD1350 Datasheet HTML 10Page - Diodes Incorporated ZXLD1350 Datasheet HTML 11Page - Diodes Incorporated ZXLD1350 Datasheet HTML 12Page - Diodes Incorporated ZXLD1350 Datasheet HTML 13Page - Diodes Incorporated ZXLD1350 Datasheet HTML 14Page - Diodes Incorporated ZXLD1350 Datasheet HTML 15Page - Diodes Incorporated ZXLD1350 Datasheet HTML 16Page - Diodes Incorporated ZXLD1350 Datasheet HTML 17Page - Diodes Incorporated ZXLD1350 Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
ZXLD1350
30V 350mA LED DRIVER with AEC-Q100
ZXLD1350
Document number: DS33468 Rev. 8 - 2
14 of 22
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (Continued)
Low frequency PWM mode
When the ADJ pin is driven with a low frequency PWM signal (eg 100Hz), with a high level voltage VADJ and a low level of
zero, the output of the internal low pass filter will swing between 0V and VADJ, causing the input to the shutdown circuit to fall
below its turn-off threshold (200mV nom) when the ADJ pin is low. This will cause the output current to be switched on and off
at the PWM frequency, resulting in an average output current IOUTavg proportional to the PWM duty cycle. (See Figure 2 - Low
frequency PWM operating waveforms).
Figure 2. Low frequency PWM operating waveforms
The average value of output current in this mode is given by:
IOUTavg 0.1DPWM/RS for DPWM >0 01
This mode is preferable if optimum LED 'whiteness' is required. It will also provide the widest possible dimming range
(approx. 100:1) and higher efficiency at the expense of greater output ripple.
Note that the low pass filter introduces a small error in the output duty cycle due to the difference between the start-up and
shut-down times. This time difference is a result of the 200mV shutdown threshold and the rise and fall times at the output of
the filter. To minimize this error, the PWM duty cycle should be as low as possible consistent with avoiding flicker in the LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com