Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1350 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # ZXLD1350
Description  30V 350mA LED DRIVER with AEC-Q100
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1350 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button ZXLD1350 Datasheet HTML 12Page - Diodes Incorporated ZXLD1350 Datasheet HTML 13Page - Diodes Incorporated ZXLD1350 Datasheet HTML 14Page - Diodes Incorporated ZXLD1350 Datasheet HTML 15Page - Diodes Incorporated ZXLD1350 Datasheet HTML 16Page - Diodes Incorporated ZXLD1350 Datasheet HTML 17Page - Diodes Incorporated ZXLD1350 Datasheet HTML 18Page - Diodes Incorporated ZXLD1350 Datasheet HTML 19Page - Diodes Incorporated ZXLD1350 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
ZXLD1350
30V 350mA LED DRIVER with AEC-Q100
ZXLD1350
Document number: DS33468 Rev. 8 - 2
16 of 22
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (Continued)
Soft-start
The device has inbuilt soft-start action due to the delay through the PWM filter. An external capacitor from the ADJ pin to
ground will provide additional soft-start delay, by increasing the time taken for the voltage on this pin to rise to the turn-on
threshold and by slowing down the rate of rise of the control voltage at the input of the comparator. With no external
capacitor, the time taken for the output to reach 90% of its final value is approximately 500
μs. Adding capacitance increases
this delay by approximately 0.5ms/nF.
The graph below shows the variation of soft-start time for different values of capacitor.
Inherent open-circuit LED protection
If the connection to the LED(s) is open-circuited, the coil is isolated from the LX pin of the chip, so the device will not be
damaged, unlike in many boost converters, where the back EMF may damage the internal switch by forcing the drain above
its breakdown voltage.
Capacitor selection
A low ESR capacitor should be used for input decoupling, as the ESR of this capacitor appears in series with the supply
source impedance and lowers overall efficiency. This capacitor has to supply the relatively high peak current to the coil and
smooth the current ripple on the input supply. A minimum value of 1
μF is acceptable if the input source is close to the device,
but higher values will improve performance at lower input voltages, especially when the source impedance is high. The input
capacitor should be placed as close as possible to the IC.
For maximum stability over temperature and voltage, capacitors with X7R, X5R, or better dielectric are recommended.
Capacitors with Y5V dielectric are not suitable for decoupling in this application and should NOT be used.
A table of recommended manufacturers is provided below:
Manufacturer
Website
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Kemet
www.kemet.com
AVX
www.avxcorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com