Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1350 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXLD1350
Description  30V 350mA LED DRIVER with AEC-Q100
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1350 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXLD1350 Datasheet HTML 1Page - Diodes Incorporated ZXLD1350 Datasheet HTML 2Page - Diodes Incorporated ZXLD1350 Datasheet HTML 3Page - Diodes Incorporated ZXLD1350 Datasheet HTML 4Page - Diodes Incorporated ZXLD1350 Datasheet HTML 5Page - Diodes Incorporated ZXLD1350 Datasheet HTML 6Page - Diodes Incorporated ZXLD1350 Datasheet HTML 7Page - Diodes Incorporated ZXLD1350 Datasheet HTML 8Page - Diodes Incorporated ZXLD1350 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ZXLD1350
30V 350mA LED DRIVER with AEC-Q100
ZXLD1350
Document number: DS33468 Rev. 8 - 2
5 of 22
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Device Description
The device, in conjunction with the coil (L1) and current sense resistor (RS), forms a self-oscillating continuous-mode buck
converter.
Device operation (Refer to block diagram and Figure 1 - Operating waveforms)
Operation can be best understood by assuming that the ADJ pin of the device is unconnected and the voltage on this pin
(VADJ) appears directly at the (+) input of the comparator.
When input voltage VIN is first applied, the initial current in L1 and RS is zero and there is no output from the current sense
circuit. Under this condition, the (-) input to the comparator is at ground and its output is high. This turns MN on and switches
the LX pin low, causing current to flow from VIN to ground, via RS, L1 and the LED(s). The current rises at a rate determined
by VIN and L1 to produce a voltage ramp (VSENSE) across RS. The supply referred voltage VSENSE is forced across internal
resistor R1 by the current sense circuit and produces a proportional current in internal resistors R2 and R3. This produces a
ground referred rising voltage at the (-) input of the comparator. When this reaches the threshold voltage (VADJ), the
comparator output switches low and MN turns off. The comparator output also drives another NMOS switch, which bypasses
internal resistor R3 to provide a controlled amount of hysteresis. The hysteresis is set by R3 to be nominally 15% of VADJ.
When MN is off, the current in L1 continues to flow via D1 and the LED(s) back to VIN. The current decays at a rate
determined by the LED and diode forward voltages to produce a falling voltage at the input of the comparator. When this
voltage returns to VADJ, the comparator output switches high again. This cycle of events repeats, with the comparator input
ramping between limits of VADJ ± 15%.
Switching thresholds
With VADJ =VREF, the ratios of R1, R2 and R3, define an average VSENSE switching threshold of 100mV (measured on the
ISENSE pin with respect to VIN). The average output current IOUTnom is then defined by this voltage and Rs according to:
IOUTnom=100mV/RS
Nominal ripple current is ±15mV/RS
Adjusting output current
The device contains a low pass filter between the ADJ pin and the threshold comparator and an internal current limiting
resistor (200k nom) between ADJ and the internal reference voltage. This allows the ADJ pin to be overdriven with either
DC or pulse signals to change the VSENSE switching threshold and adjust the output current. The filter is third order,
comprising three sections, each with a cut-off frequency of nominally 4kHz.
Details of the different modes of adjusting output current are given in the applications section.
Output shutdown
The output of the low pass filter drives the shutdown circuit. When the input voltage to this circuit falls below the threshold
(0.2V nom), the internal regulator and the output switch are turned off. The voltage reference remains powered during
shutdown to provide the bias current for the shutdown circuit. Quiescent supply current during shutdown is nominally
15mA and switch leakage is below 1mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com