Electronic Components Datasheet Search
  English  ▼

X  

SIM6892 Datasheet(PDF) 40 Page - Sanken electric

Part # SIM6892
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6892 Datasheet(HTML) 40 Page - Sanken electric

Back Button SIM6892 Datasheet HTML 36Page - Sanken electric SIM6892 Datasheet HTML 37Page - Sanken electric SIM6892 Datasheet HTML 38Page - Sanken electric SIM6892 Datasheet HTML 39Page - Sanken electric SIM6892 Datasheet HTML 40Page - Sanken electric SIM6892 Datasheet HTML 41Page - Sanken electric SIM6892 Datasheet HTML 42Page - Sanken electric SIM6892 Datasheet HTML 43Page - Sanken electric SIM6892 Datasheet HTML 44Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
40
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
15.3 Performance Curves of Output Parts
15.3.1
Output Transistor Performance Curves
15.3.1.1. SIM6891MD/ SIM6891MDN
Figure 15-28.
Power MOSFET RDS(ON) vs. ID
Figure 15-29.
Power MOSFET VSD vs. ISD
15.3.1.2. SIM6893M
Figure 15-30.
Power MOSFET RDS(ON) vs. ID
Figure 15-31.
Power MOSFET VSD vs. ISD
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
0.5
1.0
1.5
2.0
2.5
I
D (A)
VCCx = 15 V
25°C
75°C
125°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.5
1.0
1.5
2.0
2.5
I
SD (A)
125 °C
75 °C
25 °C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
I
D (A)
VCCx = 15 V
25°C
75°C
125°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
1.0
2.0
3.0
4.0
5.0
I
SD (A)
125°C
75°C
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com