Electronic Components Datasheet Search
  English  ▼

X  

SIM6892 Datasheet(PDF) 37 Page - Sanken electric

Part # SIM6892
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6892 Datasheet(HTML) 37 Page - Sanken electric

Back Button SIM6892 Datasheet HTML 33Page - Sanken electric SIM6892 Datasheet HTML 34Page - Sanken electric SIM6892 Datasheet HTML 35Page - Sanken electric SIM6892 Datasheet HTML 36Page - Sanken electric SIM6892 Datasheet HTML 37Page - Sanken electric SIM6892 Datasheet HTML 38Page - Sanken electric SIM6892 Datasheet HTML 39Page - Sanken electric SIM6892 Datasheet HTML 40Page - Sanken electric SIM6892 Datasheet HTML 41Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
37
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
Figure 15-19.
Minimum Transmittable Pulse Width
for Low-side Switching, tLIN(MIN) vs. TC
Figure 15-20.
OCP Threshold Voltage, VTRIP vs. TC
Figure 15-21.
OCP Hold Time, tP vs. TC
Figure 15-22.
OCP Blanking Time, tBK(OCP) +
Propagation Delay, tD vs. TC
(SIM6891MD/92M/93M/95M/96M)
Figure 15-23.
FO Pin Voltage in Normal Operation,
VFOL vs. TC
0
50
100
150
200
250
300
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.
0.46
0.47
0.48
0.49
0.50
0.51
0.52
0.53
0.54
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.
0
2
4
6
8
10
12
14
16
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
-30
0
30
60
90
120
150
T
C (°C)
FOx pull-up voltage = 5 V, R
FO = 3.3 kΩ, FOx in logic low
Max.
Typ.
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com