Electronic Components Datasheet Search
  English  ▼

X  

SIM6892 Datasheet(PDF) 29 Page - Sanken electric

Part # SIM6892
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6892 Datasheet(HTML) 29 Page - Sanken electric

Back Button SIM6892 Datasheet HTML 25Page - Sanken electric SIM6892 Datasheet HTML 26Page - Sanken electric SIM6892 Datasheet HTML 27Page - Sanken electric SIM6892 Datasheet HTML 28Page - Sanken electric SIM6892 Datasheet HTML 29Page - Sanken electric SIM6892 Datasheet HTML 30Page - Sanken electric SIM6892 Datasheet HTML 31Page - Sanken electric SIM6892 Datasheet HTML 32Page - Sanken electric SIM6892 Datasheet HTML 33Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
29
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
Heatsink
Thermal silicone
grease application area
1.25
1.25
31.3
Unit: mm
7.4
7.4
M2.5
M2.5
Screw hole
Screw hole
Figure 13-2.
Reference Application Area for Thermal
Silicone Grease
13.3 Considerations in IC Characteristics
Measurement
When measuring the breakdown voltage or leakage
current of the transistors incorporated in the IC, note that
the gate and source (emitter) of each transistor should
have the same potential. Moreover, care should be taken
during the measurement because each transistor is
connected as follows:
● All the high-side drains (collectors) are internally
connected to the VBB pin.
● In the U-phase, the high-side source (emitter) and the
low-side drain (collector) are internally connected to
the U pin. (In the V- and W-phases, the high- and
low-side transistors are unconnected inside the IC.)
The gates of the high-side transistors are pulled down
to the corresponding output (U, V/V1, and W1) pins;
similarly, the gates of the low-side transistors are pulled
down to the COM2 pin. When measuring the breakdown
voltage or leakage current of the transistors, note that all
of the output (U, V, and W1), LSx, and COMx pins
must
be
appropriately
connected.
Otherwise,
the
switching transistors may result in permanent damage.
The following are circuit diagrams representing
typical measurement circuits for breakdown voltage:
Figure 13-3 shows the high-side transistor (Q1H) in the
U-phase; Figure 13-4 shows the low-side transistor (Q1L)
in the U-phase. And all the pins that are not represented
in these figures are open. When measuring the high-side
transistors, leave all the non-measuring pins open. When
measuring the low-side transistors, connect only the
measuring LSx pin to the COMx pin and leave the other
pins open.
W2
U
COM2
COM1
W1
V1
VBB
V2
LS3B
LS2
40
LS3A
LS2
V
LS1
High-side
MIC
16
1
2
24
26
33
35
37
19
Q1H
Q1L
Q2L Q3L
Q2H
Q3H
V
11
6
31
28
Low-side
MIC
Figure 13-3.
Typical Measurement Circuit for High-
side Transistor (Q1H) in U-phase
W2
U
COM2
COM1
W1
V1
VBB
V2
LS3B
LS2
40
LS3A
LS2
V
LS1
High-side
MIC
16
1
2
24
26
28
33
35
37
19
Q1H
Q1L
Q2L Q3L
Q2H
Q3H
V
11
6
31
Low-side
MIC
Figure 13-4.
Typical Measurement Circuit for Low-
side Transistor (Q1L) in U-phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com