Electronic Components Datasheet Search
  English  ▼

X  

SIM6892 Datasheet(PDF) 28 Page - Sanken electric

Part # SIM6892
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6892 Datasheet(HTML) 28 Page - Sanken electric

Back Button SIM6892 Datasheet HTML 24Page - Sanken electric SIM6892 Datasheet HTML 25Page - Sanken electric SIM6892 Datasheet HTML 26Page - Sanken electric SIM6892 Datasheet HTML 27Page - Sanken electric SIM6892 Datasheet HTML 28Page - Sanken electric SIM6892 Datasheet HTML 29Page - Sanken electric SIM6892 Datasheet HTML 30Page - Sanken electric SIM6892 Datasheet HTML 31Page - Sanken electric SIM6892 Datasheet HTML 32Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
28
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
operational waveforms. In case of overheating (e.g.,
increased power dissipation due to overload, or elevated
ambient temperature at the device), the IC shuts down
the low-side output transistors.
LINx
HINx
TJ(MIC)
HOx
LOx
FO
LOx responds to input signal.
TDH
TDL
0
0
0
0
0
0
TSD operation
Figure 12-16.
TSD Operational Waveforms
The TSD circuit in the low-side MIC monitors
temperatures (see Section 7). When the temperature of
the
low-side
MIC
exceeds
the
TSD
Operating
Temperature (TDH = 150 °C), the TSD circuit is
activated. When the temperature of the low-side MIC
decreases
to
the
TSD
Releasing
Temperature
(TDL = 120 °C) or less, the shutdown condition is
released. The output transistors then resume operating
according to input signals. During the TSD operation,
the FO pin becomes logic low and transmits fault signals.
Note that junction temperatures of the output transistors
themselves are not monitored; therefore, do not use the
TSD function as an overtemperature prevention for the
output transistors.
13. Design Notes
13.1 PCB Pattern Layout
Figure 13-1 shows a schematic diagram of a motor
drive circuit. The circuit consists of current paths having
high frequencies and high voltages, which also bring
about negative influences on IC operation, noise
interference, and power dissipation. Therefore, PCB
trace layouts and component placements play an
important role in circuit designing.
Current loops, which have high frequencies and high
voltages, should be as small and wide as possible, in
order to maintain a low-impedance state. In addition,
ground traces should be as wide and short as possible so
that radiated EMI levels can be reduced.
W2
U
W1
V1
VBB
V2
LS3A
LS2
1
MIC
24
26
28
31
2
35
37
M
VDC
High-frequency, high-voltage
current loops should be as
small and wide as possible.
Ground traces
should be wide
and short.
11
LS1
Figure 13-1.
High-frequency, High-voltage Current
Paths
13.2 Considerations in Heatsink Mounting
The following are the key considerations and the
guidelines for mounting a heatsink:
● Be sure to use a metric screw of M2.5 and a plain
washer of 6.0 mm (φ). When tightening the screws,
use a torque screwdriver and tighten them within the
range of screw torque defined in Section 4. Be sure to
avoid uneven tightening. Temporarily tighten the two
screws first, then tighten them equally on both sides
until the specified screw torque is reached.
● When mounting a heatsink, it is recommended to use
silicone greases. If a thermally conductive sheet or an
electrically insulating sheet is used, package cracks
may be occurred due to creases at screw tightening.
Therefore, you should conduct thorough evaluations
before using these materials.
● When applying a silicone grease, make sure that there
are no foreign substances between the IC and a
heatsink. Extreme care should be taken not to apply a
silicone grease onto any device pins as much as
possible. The following requirements must be met for
proper grease application:
- Grease thickness: 100 μm
- Heatsink flatness: ±100 µm
- Apply a silicone grease within the area indicated in
Figure 13-2, below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com