Electronic Components Datasheet Search
  English  ▼

X  

SIM6892 Datasheet(PDF) 16 Page - Sanken electric

Part # SIM6892
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6892 Datasheet(HTML) 16 Page - Sanken electric

Back Button SIM6892 Datasheet HTML 12Page - Sanken electric SIM6892 Datasheet HTML 13Page - Sanken electric SIM6892 Datasheet HTML 14Page - Sanken electric SIM6892 Datasheet HTML 15Page - Sanken electric SIM6892 Datasheet HTML 16Page - Sanken electric SIM6892 Datasheet HTML 17Page - Sanken electric SIM6892 Datasheet HTML 18Page - Sanken electric SIM6892 Datasheet HTML 19Page - Sanken electric SIM6892 Datasheet HTML 20Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
16
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
8.
Pin Configuration Definitions
Top View
Pin Number
Pin Name
Description
1
LS3A
W-phase low-side power MOSFET source or IGBT emitter
2
LS2
V-phase low-side power MOSFET source or IGBT emitter
3
OCP
Input for overcurrent protection
4
FO
Fault signal output
5
VCC2
Low-side logic supply voltage input
6
COM2
Low-side logic ground
7
LIN1
Logic input for U-phase low-side gate driver
8
LIN2
Logic input for V-phase low-side gate driver
9
LIN3
Logic input for W-phase low-side gate driver
10
VT
Temperature sensing voltage output
11
LS1
U-phase low-side power MOSFET source or IGBT emitter
12
NC
(No connection)
13
HIN1
Logic input for U-phase high-side gate driver
14
HIN2
Logic input for V-phase high-side gate driver
15
HIN3
Logic input for W-phase high-side gate driver
16
COM1
High-side logic ground
17
VCC1
High-side logic supply voltage input
18
—
(Pin removed)
19
V
V-phase bootstrap capacitor connection
20
VB2
V-phase high-side floating supply voltage input
21
VB1A
U-phase high-side floating supply voltage input
22
—
(Pin removed)
23
VB3
W-phase high-side floating supply voltage input
24
W1
W-phase output (connected to W2 externally)
25
—
(Pin removed)
26
V1
V-phase output (connected to V2 externally)
27
—
(Pin removed)
28
VBB
Positive DC bus supply voltage (+)
29
—
(Pin removed)
30
VB1B
U-phase high-side floating supply voltage input
31
U
U-phase output
32
—
(Pin removed)
33
LS2
(Pin trimmed) V-phase low-side power MOSFET source or IGBT emitter
34
—
(Pin removed)
35
V2
V-phase output (connected to V1 externally)
36
—
(Pin removed)
37
W2
W-phase output (connected to W1 externally)
38
—
(Pin removed)
39
—
(Pin removed)
40
LS3B
W-phase low-side power MOSFET source or IGBT emitter
1
20
40
21
40
1
20
21
40
1
20
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com