Electronic Components Datasheet Search
  English  ▼

X  

THS6182 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS6182
Description  LOW-POWER DISSIPATION ADSL LINE DRIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6182 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS6182 Datasheet HTML 5Page - Texas Instruments THS6182 Datasheet HTML 6Page - Texas Instruments THS6182 Datasheet HTML 7Page - Texas Instruments THS6182 Datasheet HTML 8Page - Texas Instruments THS6182 Datasheet HTML 9Page - Texas Instruments THS6182 Datasheet HTML 10Page - Texas Instruments THS6182 Datasheet HTML 11Page - Texas Instruments THS6182 Datasheet HTML 12Page - Texas Instruments THS6182 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
www.ti.com
12
13
14
15
16
17
18
19
20
21
f − Frequency − Hz
100 k
1 M
10 M
100 M
VCC = ±15 V
Gain = 10
RL = 25 Ω
VO = 0.1 Vrms
Full Bias
RF = 500
RF = 1 k
RF = 2 k
7
8
9
10
11
12
13
14
15
16
f − Frequency − Hz
100 k
1 M
10 M
100 M
1 G
VCC = ±15 V
Gain = 5
RL = 25 Ω
VO = 0.1 Vrms
Full Bias
RF = 750
RF = 500
RF = 1 k
RF = 2 k
7
8
9
10
11
12
13
14
15
16
f − Frequency − Hz
100 k
1 M
10 M
100 M
VCC = ±15 V
Gain = 5
RL = 100 Ω
VO = 0.1 Vrms
Full Bias
RF = 500
RF = 1 k
RF = 2 k
RF = 750
12
13
14
15
16
17
18
19
20
21
f − Frequency − Hz
100 k
1 M
10 M
100 M
VCC = ±15 V
Gain = 10
RL = 100 Ω
VO = 0.1 Vrms
Full Bias
RF = 500
RF = 1 k
RF = 2 k
−7
−6
−5
−4
−3
−2
−1
0
1
2
f − Frequency − Hz
100 k
1 M
10 M
100 M
1 G
VCC = ±12 V
Gain = 1
RL = 25 Ω
VlO = 0.1 Vrms
Full Bias
RF = 1 k
RF = 2 k
RF = 1.2 k
−7
−6
−5
−4
−3
−2
−1
0
1
2
f − Frequency − Hz
100 k
1 M
10 M
100 M
1 G
VCC = ±12 V
Gain = 1
RL = 100 Ω
VO= 0.1 Vrms
Full Bias
RF = 1 k
RF = 1.2 k
RF = 2 k
1
2
3
4
5
6
7
8
9
10
f − Frequency − Hz
100 k
1 M
10 M
100 M
1 G
VCC = ±12 V
Gain = 2
RL = 25 Ω
VO = 0.1 Vrms
Full Bias
RF = 1 k
RF = 500
RF = 2 k
7
8
9
10
11
12
13
14
15
16
f − Frequency − Hz
100 k
1 M
10 M
100 M
VCC = ±12 V
Gain = 5
RL = 25 Ω
VO = 0.1 Vrms
Full Bias
RF = 500
RF = 2 k
RF = 1 k
RF = 750
f − Frequency − Hz
−9
−6
−3
0
3
6
9
12
100 k
1 M
10 M
100 M
1 G
VCC = ±12 V
Gain = 2
RL = 100 Ω
VO = 0.1 Vrms
Full Bias
RF = 500
RF = 2 k
RF = 825
THS6182
SLLS544H – SEPTEMBER 2002 – REVISED JUNE 2007
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
vs
vs
vs
FRQUENCY
FREQUENCY
FREQUENCY
Figure 14.
Figure 15.
Figure 16.
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 17.
Figure 18.
Figure 19.
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 20.
Figure 21.
Figure 22.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com