Electronic Components Datasheet Search
  English  ▼

X  

THS6182 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS6182
Description  LOW-POWER DISSIPATION ADSL LINE DRIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6182 Datasheet(HTML) 3 Page - Texas Instruments

  THS6182 Datasheet HTML 1Page - Texas Instruments THS6182 Datasheet HTML 2Page - Texas Instruments THS6182 Datasheet HTML 3Page - Texas Instruments THS6182 Datasheet HTML 4Page - Texas Instruments THS6182 Datasheet HTML 5Page - Texas Instruments THS6182 Datasheet HTML 6Page - Texas Instruments THS6182 Datasheet HTML 7Page - Texas Instruments THS6182 Datasheet HTML 8Page - Texas Instruments THS6182 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
THS6182
SLLS544H – SEPTEMBER 2002 – REVISED JUNE 2007
over operating free-air temperature range unless otherwise noted(1)
ELECTRICAL
THS6132
VCC
Supply voltage
±16.5 V
VI
Input voltage
±V
CC
IO
Output current
1000 mA
VIO
Differential input voltage
±2 V
THERMAL
Maximum junction temperature, any condition
150
°C
TJ
Maximum junction temperature, continuous operation, long term reliability (2)
125
°C
Tstg
Storage temperature
65
°C to 150°C
ESD
HBM
2000 V
ESD ratings
CDM
1500 V
MM
200 V
(1)
The absolute maximum ratings under any condition is limited by the constraints of the silicon process. Stresses above these ratings may
cause permanent damage. Exposure to absolute-maximum-rated conditions for extended periods may degrade device reliability. These
are stress ratings only, and functional operation of the device at these or any other conditions beyond those ispecified is not implied.
(2)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
over recommended operating free-air temperature range, T
A = 25°C, VCC = ±12 V, RF = 2 kΩ,
Gain = +5, I
ADJ = Bias1 = Bias2 = 0 V, RL = 50 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
NOISE/DISTORTION PERFORMANCE
Gain = +9.5, 163 kHz to 1.1 MHz DMT,
MTPR
Multitone power ratio
-76
dBc
+20 dBm Line Power, See Figure 1 for circuit
Gain =+5, 25 kHz to 138 kHz with MTPR signal applied,
Receive band spill-over
-95
dBc
See Figure 1 for circuit
Differential load = 200
Ω
-88
dBc
2nd harmonic
Differential load = 50
Ω
-70
Harmonic distortion, VO(PP) = 2 V
HD
f = 1 MHz
Differential load = 200
Ω
-107
dBc
3rd harmonic
Differential load = 50
Ω
-84
Vn
Input voltage noise
VCC = ±5 V, ±12 V, ±15 V, f = 100 kHz
3.2
nV/
√Hz
+Input
1.5
In
Input current noise
VCC = ±5 V, ±12 V, ±15 V, f = 100 kHz
pA/
√Hz
-Input
10
RL = 100 Ω
-65
dBc
f = 1 MHz, VO(PP) = 2 V,
Crosstalk
VCC = ±5 V, ±12 V, ±15 V
RL = 25 Ω
-60
dBc
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com