Electronic Components Datasheet Search
  English  ▼

X  

THS6182 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS6182
Description  LOW-POWER DISSIPATION ADSL LINE DRIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6182 Datasheet(HTML) 2 Page - Texas Instruments

  THS6182 Datasheet HTML 1Page - Texas Instruments THS6182 Datasheet HTML 2Page - Texas Instruments THS6182 Datasheet HTML 3Page - Texas Instruments THS6182 Datasheet HTML 4Page - Texas Instruments THS6182 Datasheet HTML 5Page - Texas Instruments THS6182 Datasheet HTML 6Page - Texas Instruments THS6182 Datasheet HTML 7Page - Texas Instruments THS6182 Datasheet HTML 8Page - Texas Instruments THS6182 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
www.ti.com
PACKAGE DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
THS6182
SLLS544H – SEPTEMBER 2002 – REVISED JUNE 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PRODUCT
PACKAGE(1)
PACKAGE CODE
SYMBOL
ORDER NUMBER
TRANSPORT MEDIA
Tape and reel
THS6182RHFR
(3000 devices)
Leadless 24-pin
THS6182RHF
RHF-24
6182
4, mm x 5, mm PowerPAD™
Tape and reel
THS6182RHFT
(250 devices)
THS6182D
Tube (40 devices)
THS6182D
SOIC-16
D-16
THS6182
Tape and reel
THS6832DR
(2500 devices)
THS6182DW
Tube (25 devices)
THS6182DW
SOIC-20
DW-20
THS6182
Tape and reel
THS6182DWR
(2000 devices)
THS6182DWP
Tube (25 devices)
THS6182DWP
SOIC-20 PowerPAD
DWP-20
THS6182
Tape and reel
THS6182DWPR
(2000 devices)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
PowerPAD SOLDERED(2)
PowerPAD NOT SOLDERED(3)
PACKAGE
θ
JC
θ
JA
θ
JC
RHF-24(2)
32
°C/W
74
°C/W
1.7
°C/W
D-16
--
62.9
°C/W
25.7
°C/W
DW-20
--
45.4
°C/W
16.4
°C/W
DWP-20(2)
21.5
°C/W
43.9
°C/W
0.37
°C/W
(1)
θ
JA values shown are typical for standard test PCBs only.
(2)
For high-power dissipation applications, use of the PowerPAD package with the PowerPad on the underside of the chip. This acts as a
heatsink and must be connected to a thermally dissipating plane for proper dissipation. Failure to do so may result in exceeding the
maximum junction temperature which could permanently damage and/or reduce the lifetime the device. See TI technical brief SLMA002
for more information about utilizing the PowerPAD thermally enhanced package.
(3)
Use of packages without the PowerPAD or not soldering the PowerPAD to the PCB, should be limited to low-power dissipation
applications.
MIN NOM MAX UNIT
Dual supply
±5
±12
±15
VCC+to VCC-
Supply voltage
V
Single supply
10
24
30
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com