Electronic Components Datasheet Search
  English  ▼

X  

THS6182 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS6182
Description  LOW-POWER DISSIPATION ADSL LINE DRIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6182 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS6182 Datasheet HTML 17Page - Texas Instruments THS6182 Datasheet HTML 18Page - Texas Instruments THS6182 Datasheet HTML 19Page - Texas Instruments THS6182 Datasheet HTML 20Page - Texas Instruments THS6182 Datasheet HTML 21Page - Texas Instruments THS6182 Datasheet HTML 22Page - Texas Instruments THS6182 Datasheet HTML 23Page - Texas Instruments THS6182 Datasheet HTML 24Page - Texas Instruments THS6182 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
www.ti.com
PowerPAD and Via layout
(Pad size 3.65 mm x 2.65 mm ,
9 Vias with diameter = 0.254 mm)
0.682
2.65
3.65
0.563
0.762
1.143
0.4953
0.1905
0.3721
2.2987
4.9022
3.302
5.9182
0.3641
0.4953
0.1905
Pad size
24 x (0.3048 x 0.762) mm
Vias should go through the board connecting the top layer PowerPAD to any and all
ground planes. The larger the ground plane, the more area to distribute the heat.
Solder resist should be used on the bottom side ground plane to prevent wicking of
the solder through the vias during the reflow process.
THS6182
SLLS544H – SEPTEMBER 2002 – REVISED JUNE 2007
APPLICATION INFORMATION (continued)
Figure 74. Suggested PCB Layout
The actual thermal performance achieved with the THS6182 in the 20-pin DWP PowerPAD package depends on
the application. In the previous example, if the size of the internal ground plane is approximately 3 inches × 3
inches, then the expected thermal coefficient,
Θ
JA, is about 21.5°C/W. (See the Package Dissipation Ratings
Table for all other package metrics.) For a given
Θ
JA, the maximum power dissipation is calculated by the
following formula:
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com